Electronic Components Datasheet Search
  English  ▼

X  

RM18N200HD Datasheet (PDF) - Rectron Semiconductor

RM18N200HD Datasheet PDF - Rectron Semiconductor
Part # RM18N200HD
Download  RM18N200HD Download
File Size   220.28 Kbytes
Page   8 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Super Junction Power MOSFET

RM18N200HD Datasheet (PDF)

Go To PDF Page Download Datasheet
RM18N200HD Datasheet PDF - Rectron Semiconductor

Part # RM18N200HD
Download  RM18N200HD Click to download

File Size   220.28 Kbytes
Page   8 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Super Junction Power MOSFET

RM18N200HD Datasheet (HTML) - Rectron Semiconductor


RM18N200HD Product details

Features
New technology for high voltage device
Low on-resistance and low conduction losses
Small package
Ultra Low Gate Charge cause lower driving requirements
100% Avalanche Tested
ROHS compliant
Halogen-free
VDS =200V , ID =18A ,
VGS =10V , RDS(on)<120mΩ ,
VGS=4.5V, RDS(on)<140mΩ




Similar Part No. - RM18N200HD

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RM18 MCC-RM18 Datasheet
71Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1800E MCC-RM1800E Datasheet
71Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1800E MCC-RM1800E Datasheet
244Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1800E MCC-RM1800E Datasheet
244Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1800E MCC-RM1800E Datasheet
265Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
More results


Similar Description - RM18N200HD

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE60R2K2I NCEPOWER-NCE60R2K2I Datasheet
608Kb / 8P
N-Channel Super Junction Power MOSFET
NCE70R2K2I NCEPOWER-NCE70R2K2I Datasheet
607Kb / 8P
N-Channel Super Junction Power MOSFET
NCE70R360D NCEPOWER-NCE70R360D Datasheet
673Kb / 10P
N-Channel Super Junction Power MOSFET
NCE80R1K2I NCEPOWER-NCE80R1K2I Datasheet
601Kb / 8P
N-Channel Super Junction Power MOSFET
NCE65R1K2 NCEPOWER-NCE65R1K2 Datasheet
667Kb / 10P
N-Channel Super Junction Power MOSFET
NCE70R900I NCEPOWER-NCE70R900I Datasheet
603Kb / 8P
N-Channel Super Junction Power MOSFET
logo
Rectron Semiconductor
RM5N650IP RECTRON-RM5N650IP Datasheet
525Kb / 8P
N-Channel Super Junction Power MOSFET
RM5N700IP RECTRON-RM5N700IP Datasheet
974Kb / 8P
N-Channel Super Junction Power MOSFET
RM12N500T2 RECTRON-RM12N500T2 Datasheet
1Mb / 8P
N-Channel Super Junction Power MOSFET
RM12N650LD RECTRON-RM12N650LD Datasheet
627Kb / 9P
N-Channel Super Junction Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com