Electronic Components Datasheet Search
  English  ▼

X  

RM180N100AT2 Datasheet (PDF) - Rectron Semiconductor

RM180N100AT2 Datasheet PDF - Rectron Semiconductor
Part # RM180N100AT2
Download  RM180N100AT2 Download
File Size   636.04 Kbytes
Page   9 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 100V N-Ch Power MOSFET

RM180N100AT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM180N100AT2 Datasheet PDF - Rectron Semiconductor

Part # RM180N100AT2
Download  RM180N100AT2 Click to download

File Size   636.04 Kbytes
Page   9 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 100V N-Ch Power MOSFET

RM180N100AT2 Datasheet (HTML) - Rectron Semiconductor


RM180N100AT2 Product details

Feature
High Speed Power Switching
Enhanced Body diode dv/dtcapability
100% UIS tested 100% Rg Tested
Pb-free lead plating




Similar Part No. - RM180N100AT2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM180N100AT2V RECTRON-RM180N100AT2V Datasheet
932Kb / 7P
100V N-Ch Power MOSFET
2023-05/69 REV:O
More results


Similar Description - RM180N100AT2

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSU50N10 SECOS-SSU50N10 Datasheet
1Mb / 4P
54A , 100V , RDS(ON) 22m N-Ch Enhancement Mode Power MOSFET
logo
Sanken electric
EKG1020 SANKEN-EKG1020 Datasheet
800Kb / 8P
100V, 20A Low RDS(ON)N ch Trench Power MOSFET
FKG1020 SANKEN-FKG1020 Datasheet
800Kb / 8P
100V, 20A Low RDS(ON) N ch Trench Power MOSFET
logo
KODENSHI_AUK CORP.
SUN05A50D KODENSHI-SUN05A50D Datasheet
450Kb / 8P
N-Ch Power MOSFET
SUN05A50F KODENSHI-SUN05A50F Datasheet
477Kb / 8P
N-Ch Power MOSFET
SUN730D KODENSHI-SUN730D Datasheet
458Kb / 8P
N-Ch Power MOSFET
SUN830F KODENSHI-SUN830F Datasheet
440Kb / 8P
N-Ch Power MOSFET
logo
MacMic
MMN400A010U1 MACMIC-MMN400A010U1 Datasheet
434Kb / 5P
100V 400A N-ch Power MOSFET Module
MMN668A010U1 MACMIC-MMN668A010U1 Datasheet
777Kb / 5P
100V 668A N-ch Power MOSFET Module
MMN1000DB010B MACMIC-MMN1000DB010B Datasheet
898Kb / 5P
100V 1000A N-ch Power MOSFET Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com