Electronic Components Datasheet Search
  English  ▼

X  

SA639 Datasheet (PDF) - NXP Semiconductors

SA639 Datasheet PDF - NXP Semiconductors
Part # SA639
Download  SA639 Download
File Size   226.43 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage mixer FM IF system with filter amplifier and data switch

SA639 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA639 Datasheet PDF - NXP Semiconductors

Part # SA639
Download  SA639 Click to download

File Size   226.43 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage mixer FM IF system with filter amplifier and data switch

SA639 Datasheet (HTML) - NXP Semiconductors


SA639 Product details

DESCRIPTION
The SA639 is a low-voltage high performance monolithic FM IF system with high-speed RSSI incorporating a mixer/oscillator, two wideband limiting intermediate frequency amplifiers, quadrature detector, logarithmic received signal strength indicator (RSSI), fast RSSI op amps, voltage regulator, wideband data output, post detection filter amplifier and data switch. The SA639 is available in 24-lead TSSOP (Thin shrink small outline package).
  
FEATURES
• VCC = 2.7 to 5.5V
• Low power consumption: 8.6mA typ at 3V
• Wideband data output (1MHz min.)
• Fast RSSI rise and fall times
• Mixer input to >500MHz
• Mixer conversion power gain of 9.2dB and noise figure of 11dB at
    110MHz
• XTAL oscillator effective to 150MHz (L.C. oscillator to 1GHz local
    oscillator can be injected)
• 92dB of IF Amp/Limiter power gain
• 25MHz limiter small signal bandwidth
• Temperature compensated logarithmic Received Signal Strength
    Indicator (RSSI) with a dynamic range in excess of 80dB
• RSSI output internal op amp
• Post detection amplifier for filtering
• Programmable data switch
• Excellent sensitivity: 2.24µV into 50Ω matching network for 10dB
    SNR (Signal to Noise Ratio) with RF at 110MHz and IF at 9.8MHz
• ESD hardened
• Power down mode

APPLICATIONS
• DECT (Digital European Cordless Telephone)
• FSK and ASK data receivers
  




Similar Part No. - SA639

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA639 NXP-SA639 Datasheet
2Mb / 29P
Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
logo
Silan Microelectronics ...
SA6392 SILAN-SA6392 Datasheet
190Kb / 9P
4CHANNEL BTL DRIVER FOR CD PLAYERS
logo
NXP Semiconductors
SA639DH NXP-SA639DH Datasheet
2Mb / 29P
Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
SA639DH01 NXP-SA639DH01 Datasheet
2Mb / 29P
Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
SA639DH112 NXP-SA639DH112 Datasheet
2Mb / 29P
Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
More results


Similar Description - SA639

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA608 PHILIPS-SA608 Datasheet
178Kb / 14P
Low voltage high performance mixer FM IF system
November 3, 1992
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA606 PHILIPS-SA606_15 Datasheet
532Kb / 33P
Low-voltage high performance mixer FM IF system
Rev. 6-8 November 2013
SA616 PHILIPS-SA616_15 Datasheet
228Kb / 31P
Low-voltage high performance mixer FM IF system
Rev. 5-24 July 2012
SA639 PHILIPS-SA639_15 Datasheet
2Mb / 29P
Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
SA676 NXP-SA676 Datasheet
509Kb / 22P
Low-voltage mixer FM IF system
Rev. 3-19 July 2012
SA639 NXP-SA639 Datasheet
2Mb / 29P
Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com