Electronic Components Datasheet Search
  English  ▼

X  

1242768 Datasheet (PDF) - PHOENIX CONTACT

1242768 Datasheet PDF - PHOENIX CONTACT
Part # 1242768
Download  1242768 Download
File Size   506.05 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SM-7ES1N8A8S23X - Cable connector

1242768 Datasheet (PDF)

Go To PDF Page Download Datasheet
1242768 Datasheet PDF - PHOENIX CONTACT

Part # 1242768
Download  1242768 Click to download

File Size   506.05 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SM-7ES1N8A8S23X - Cable connector

1242768 Datasheet (HTML) - PHOENIX CONTACT


1242768 Product details

Cable connector, straight long, Screw locking mechanism, M40, number of positions: 4+3+PE,
contact connection type: Socket, shielded: yes, degree of protection: IP67, cable diameter range:
14 mm ... 20.5 mm, number of positions: 8, connection method: Crimp connection, series: SM,
Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly
• Flexible use: reliably connect various cable diameters
• Molded designs with preassembled cables on one or both sides




Similar Part No. - 1242768

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1242760 PHOENIX-1242760 Datasheet
509Kb / 14P
SM-5ES1N8A8S22X - Cable connector
1242761 PHOENIX-1242761 Datasheet
499Kb / 13P
SM-5ES1N8A8S23X - Cable connector
1242762 PHOENIX-1242762 Datasheet
396Kb / 10P
SM-5ES1N8A8S24X - Cable connector
1242763 PHOENIX-1242763 Datasheet
460Kb / 10P
SM-5ES1N8AY000SX - Device connector front mounting with knurled nut
1242766 PHOENIX-1242766 Datasheet
583Kb / 14P
SM-7EPWN8AWT00X - Device connector front mounting
More results


Similar Description - 1242768

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605856 PHOENIX-1605856 Datasheet
399Kb / 6P
Cable connector - SM-7ES1N8A8005
02/04/2022
1605858 PHOENIX-1605858 Datasheet
39Kb / 1P
Cable connector - SM-7ES1N8A8L02
11/22/13
1605861 PHOENIX-1605861 Datasheet
39Kb / 1P
Cable connector - SM-7ES1N8A8L04
11/22/13
1613430 PHOENIX-1613430 Datasheet
152Kb / 10P
Cable connector - SM-5ES1N8A8L34S
09/11/2020
1613529 PHOENIX-1613529 Datasheet
622Kb / 16P
SM-7ES1N8A8S23 - Cable connector
1613530 PHOENIX-1613530 Datasheet
642Kb / 17P
SM-7ES1N8A8S24 - Cable connector
1613435 PHOENIX-1613435 Datasheet
656Kb / 18P
SM-7ES1N8A8L33S - Cable connector
1613434 PHOENIX-1613434 Datasheet
654Kb / 17P
SM-7ES1N8A8L32S - Cable connector
1242750 PHOENIX-1242750 Datasheet
548Kb / 14P
SM-7ES1N8A8L34SX - Cable connector
1242760 PHOENIX-1242760 Datasheet
509Kb / 14P
SM-5ES1N8A8S22X - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com