Electronic Components Datasheet Search
  English  ▼

X  

1400893 Datasheet (PDF) - PHOENIX CONTACT

1400893 Datasheet PDF - PHOENIX CONTACT
Part # 1400893
Download  1400893 Download
File Size   633.94 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MR-C-1L-V SCO/.../... - Sensor/actuator cable

1400893 Datasheet (PDF)

Go To PDF Page Download Datasheet
1400893 Datasheet PDF - PHOENIX CONTACT

Part # 1400893
Download  1400893 Click to download

File Size   633.94 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MR-C-1L-V SCO/.../... - Sensor/actuator cable

1400893 Datasheet (HTML) - PHOENIX CONTACT


1400893 Product details

Sensor/actuator cable, 3-position, Plug angled M12 SPEEDCON, coding: A, with 1 LED, on
Valve connector C (8 mm), with 1 LED, Wiring: Varistor, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save time, thanks to installation with SPEEDCON fast locking system
• Convenient: increased machine availability thanks to quick and easy diagnostics
• Flexible solutions - configurable materials with variable cable types and cable lengths




Similar Part No. - 1400893

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400890 PHOENIX-1400890 Datasheet
611Kb / 24P
SAC-3P-MR-CI-1L-V SCO/.../... - Sensor/actuator cable
1400891 PHOENIX-1400891 Datasheet
579Kb / 23P
SAC-3P-CI-1L-V/.../... - Sensor/actuator cable
1400892 PHOENIX-1400892 Datasheet
614Kb / 23P
SAC-3P-MS-C-1L-V SCO/.../... - Sensor/actuator cable
1400894 PHOENIX-1400894 Datasheet
572Kb / 23P
SAC-3P-C-1L-V/.../... - Sensor/actuator cable
1400895 PHOENIX-1400895 Datasheet
643Kb / 25P
SAC-3P-MS-A SCO/.../... - Sensor/actuator cable
More results


Similar Description - 1400893

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1434934 PHOENIX-1434934 Datasheet
120Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,3-PUR/A-1L-Z SCO
1434950 PHOENIX-1434950 Datasheet
120Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 1,5-PUR/A-1L-Z SCO
1435483 PHOENIX-1435483 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,3-PUR/C-1L-Z SCO
1435496 PHOENIX-1435496 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/C-1L-Z SCO
1435506 PHOENIX-1435506 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 1,5-PUR/C-1L-Z SCO
1435519 PHOENIX-1435519 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 3,0-PUR/C-1L-Z SCO
1438914 PHOENIX-1438914 Datasheet
46Kb / 2P
Sensor/Actuator cable - SAC-3P-MR/10,0-PUR/BI-1L-Z SCO
1537857 PHOENIX-1537857 Datasheet
67Kb / 4P
Sensor/Actuator cable - SAC-3P-MR/2,5-PUR/BI-1L-S SCO
1537860 PHOENIX-1537860 Datasheet
67Kb / 4P
Sensor/Actuator cable - SAC-3P-MR/5,0-PUR/BI-1L-S SCO
1548309 PHOENIX-1548309 Datasheet
67Kb / 4P
Sensor/Actuator cable - SAC-3P-MR/10,0-PUR/C-1L-S SCO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com