Electronic Components Datasheet Search
  English  ▼

X  

1400920 Datasheet (PDF) - PHOENIX CONTACT

1400920 Datasheet PDF - PHOENIX CONTACT
Part # 1400920
Download  1400920 Download
File Size   631.22 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MR-C SCO/.../... - Sensor/actuator cable

1400920 Datasheet (PDF)

Go To PDF Page Download Datasheet
1400920 Datasheet PDF - PHOENIX CONTACT

Part # 1400920
Download  1400920 Click to download

File Size   631.22 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MR-C SCO/.../... - Sensor/actuator cable

1400920 Datasheet (HTML) - PHOENIX CONTACT


1400920 Product details

Sensor/actuator cable, 3-position, Plug angled M12 SPEEDCON, coding: A, on Valve connector
C (8 mm), Wiring: unwired, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save time, thanks to installation with SPEEDCON fast locking system
• Flexible solutions - configurable materials with variable cable types and cable lengths




Similar Part No. - 1400920

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400921 PHOENIX-1400921 Datasheet
529Kb / 21P
SAC-3P-C/.../... - Sensor/actuator cable
More results


Similar Description - 1400920

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1434934 PHOENIX-1434934 Datasheet
120Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,3-PUR/A-1L-Z SCO
1434947 PHOENIX-1434947 Datasheet
120Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/A-1L-Z SCO
1434950 PHOENIX-1434950 Datasheet
120Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 1,5-PUR/A-1L-Z SCO
1435195 PHOENIX-1435195 Datasheet
118Kb / 8P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/BI-1L-Z SCO
1435218 PHOENIX-1435218 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 3,0-PUR/BI-1L-Z SCO
1435483 PHOENIX-1435483 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,3-PUR/C-1L-Z SCO
1435496 PHOENIX-1435496 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/C-1L-Z SCO
1435506 PHOENIX-1435506 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 1,5-PUR/C-1L-Z SCO
1435519 PHOENIX-1435519 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 3,0-PUR/C-1L-Z SCO
1548309 PHOENIX-1548309 Datasheet
67Kb / 4P
Sensor/Actuator cable - SAC-3P-MR/10,0-PUR/C-1L-S SCO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com