Electronic Components Datasheet Search
  English  ▼

X  

1810463 Datasheet (PDF) - PHOENIX CONTACT

1810463 Datasheet PDF - PHOENIX CONTACT
Part # 1810463
Download  1810463 Download
File Size   376.25 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICV 2,5/ 4-GF-5,08 EX - PCB header

1810463 Datasheet (PDF)

Go To PDF Page Download Datasheet
1810463 Datasheet PDF - PHOENIX CONTACT

Part # 1810463
Download  1810463 Click to download

File Size   376.25 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICV 2,5/ 4-GF-5,08 EX - PCB header

1810463 Datasheet (HTML) - PHOENIX CONTACT


1810463 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, contact
surface: Tin, contact connection type: Socket, number of potentials: 4, number of rows: 1,
number of positions: 4, number of connections: 4, product range: ICV 2,5/..-GF-EX, pitch: 5.08
mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.6 mm, number of
solder pins per potential: 2, plug-in system: COMBICON MSTB 2,5 EX, Pin connector pattern
alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Screwable flange for superior mechanical stability
• Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas




Similar Part No. - 1810463

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1810464 PHOENIX-1810464 Datasheet
215Kb / 7P
MSTB 2,5/ 6-STZF-5,08 - PCB connector
More results


Similar Description - 1810463

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1825705 PHOENIX-1825705 Datasheet
144Kb / 7P
Feed-through header - ICV 2,5/ 3-GF-5,08
1825718 PHOENIX-1825718 Datasheet
96Kb / 5P
Base strip - ICV 2,5/ 4-GF-5,08
1825831 PHOENIX-1825831 Datasheet
139Kb / 7P
Feed-through header - ICV 2,5/16-GF-5,08
1825802 PHOENIX-1825802 Datasheet
124Kb / 7P
Feed-through header - ICV 2,5/13-GF-5,08
1810476 PHOENIX-1810476 Datasheet
65Kb / 3P
Base strip - ICV 2,5/ 5-GF-5,08 EX
1943551 PHOENIX-1943551 Datasheet
593Kb / 16P
PCB header - ICV 2,5 HC/ 4-G-5,08
Jan 4, 2023
1825695 PHOENIX-1825695 Datasheet
651Kb / 14P
PCB header - ICV 2,5/ 2-GF-5,08
Jan 10, 2023
1825792 PHOENIX-1825792 Datasheet
617Kb / 13P
PCB header - ICV 2,5/12-GF-5,08
Jan 5, 2023
1825776 PHOENIX-1825776 Datasheet
630Kb / 13P
ICV 2,5/10-GF-5,08 - PCB header
1796393 PHOENIX-1796393 Datasheet
274Kb / 10P
MSTBV 2,5/ 9-GF-5,08 EX - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com