Electronic Components Datasheet Search
  English  ▼

X  

LLZ24D Datasheet (PDF) - Micro Commercial Components

LLZ24D Datasheet PDF - Micro Commercial Components
Part # LLZ24D
Download  LLZ24D Download
File Size   630.0 Kbytes
Page   6 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500mW Silicon Zener Diodes

LLZ24D Datasheet (PDF)

Go To PDF Page Download Datasheet
LLZ24D Datasheet PDF - Micro Commercial Components

Part # LLZ24D
Download  LLZ24D Click to download

File Size   630.0 Kbytes
Page   6 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500mW Silicon Zener Diodes

LLZ24D Datasheet (HTML) - Micro Commercial Components




Similar Part No. - LLZ24D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LLZ24 TSC-LLZ24 Datasheet
76Kb / 3P
500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ24 TSC-LLZ24 Datasheet
228Kb / 4P
Hermetically Sealed Glass Zener Voltage Regulators
logo
Micro Commercial Compon...
LLZ24 MCC-LLZ24 Datasheet
392Kb / 7P
500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
LLZ24V TSC-LLZ24V Datasheet
151Kb / 3P
500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ24V YEASHIN-LLZ24V Datasheet
814Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Similar Description - LLZ24D

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
500mW SILICON ZENER DIODES
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
SILICON 500MW ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
500mW SILICON ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4_11 Datasheet
392Kb / 7P
500mW Silicon Zener Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com