Electronic Components Datasheet Search
  English  ▼

X  

1817495 Datasheet (PDF) - PHOENIX CONTACT

1817495 Datasheet PDF - PHOENIX CONTACT
Part # 1817495
Download  1817495 Download
File Size   439.0 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FK-MCP 1,5/ 9-ST-3,81-LR - PCB connector

1817495 Datasheet (PDF)

Go To PDF Page Download Datasheet
1817495 Datasheet PDF - PHOENIX CONTACT

Part # 1817495
Download  1817495 Click to download

File Size   439.0 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FK-MCP 1,5/ 9-ST-3,81-LR - PCB connector

1817495 Datasheet (HTML) - PHOENIX CONTACT


1817495 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Socket, number of potentials: 9,
number of rows: 1, number of positions: 9, number of connections: 9, product range: FK-MCP
1,5/..-ST-LR, pitch: 3.81 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking: Snap-in locking,
mounting: Lock & Release ejector lever, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Quick and convenient testing using integrated test option




Similar Part No. - 1817495

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1817408 PHOENIX-1817408 Datasheet
379Kb / 10P
FK-MCP 1,5/19-ST-3,5-LR - PCB connector
1817411 PHOENIX-1817411 Datasheet
409Kb / 12P
FK-MCP 1,5/20-ST-3,5-LR - PCB connector
1817424 PHOENIX-1817424 Datasheet
114Kb / 7P
Printed-circuit board connector - FK-MCP 1,5/ 2-ST-3,81-LR
1817437 PHOENIX-1817437 Datasheet
114Kb / 7P
Printed-circuit board connector - FK-MCP 1,5/ 3-ST-3,81-LR
1817440 PHOENIX-1817440 Datasheet
138Kb / 10P
Printed-circuit board connector - FK-MCP 1,5/ 4-ST-3,81-LR
09/12/2020
More results


Similar Description - 1817495

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1851067 PHOENIX-1851067 Datasheet
149Kb / 6P
FK-MCP 1,5/ 4-ST-3,81
1851083 PHOENIX-1851083 Datasheet
149Kb / 6P
FK-MCP 1,5/ 6-ST-3,81
1817518 PHOENIX-1817518 Datasheet
112Kb / 7P
Printed-circuit board connector - FK-MCP 1,5/11-ST-3,81-LR
1817534 PHOENIX-1817534 Datasheet
114Kb / 7P
Printed-circuit board connector - FK-MCP 1,5/13-ST-3,81-LR
1817563 PHOENIX-1817563 Datasheet
120Kb / 7P
Printed-circuit board connector - FK-MCP 1,5/16-ST-3,81-LR
1817576 PHOENIX-1817576 Datasheet
107Kb / 7P
Printed-circuit board connector - FK-MCP 1,5/17-ST-3,81-LR
1817424 PHOENIX-1817424 Datasheet
114Kb / 7P
Printed-circuit board connector - FK-MCP 1,5/ 2-ST-3,81-LR
1817453 PHOENIX-1817453 Datasheet
115Kb / 7P
Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81-LR
1939976 PHOENIX-1939976 Datasheet
757Kb / 17P
PCB connector - FK-MCP 1,5/ 9-ST-3,5
Jan 3, 2023
1817233 PHOENIX-1817233 Datasheet
449Kb / 13P
FK-MCP 1,5/ 2-ST-3,5-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com