Electronic Components Datasheet Search
  English  ▼

X  

G9612CTEUF Datasheet (PDF) - Global Mixed-mode Technology Inc

G9612CTEUF Datasheet PDF - Global Mixed-mode Technology Inc
Part # G9612CTEUF
Download  G9612CTEUF Download
File Size   539.06 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Low-Dropout, 500mA Linear Regulator with Reset

G9612CTEUF Datasheet (PDF)

Go To PDF Page Download Datasheet
G9612CTEUF Datasheet PDF - Global Mixed-mode Technology Inc

Part # G9612CTEUF
Download  G9612CTEUF Click to download

File Size   539.06 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Low-Dropout, 500mA Linear Regulator with Reset

G9612CTEUF Datasheet (HTML) - Global Mixed-mode Technology Inc


G9612CTEUF Product details

General Description
The G9612 are low-dropout, linear regulator with reset function supply 3.4V, 3.3V or 2.5V output for currents up to 500mA. They are available in a 1.0W SOT 89-5L package with 0.18 inch2 copper heat sink. Typical dropouts are 560mV at 5V and 500mA. Other features include foldback current limiting and thermal overload protection.

Features
■ 500mA Output Current, with Foldback Current Limiting
■ High Ripple Rejection
■ ±2% Output Accuracy
■ ±2% Reset Threshold Accuracy
■ Externally Programmable Reset Time Delay Generator
■ Internal 500mA P-Channel Pass Transistor
■ 320µA quiescent Current
■ Thermal Overload Protection
■ SOT89-5 Package

Applications
■ CD ROM or DVD ROM
■ Slim-Type CD/DVD
■ DVD Player




Similar Part No. - G9612CTEUF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G961 GMT-G961 Datasheet
231Kb / 1P
1A Low Dropout Regulator with Enable
G961-15ADJTEU GMT-G961-15ADJTEU Datasheet
231Kb / 1P
1A Low Dropout Regulator with Enable
G961-15ADJTEUF GMT-G961-15ADJTEUF Datasheet
231Kb / 1P
1A Low Dropout Regulator with Enable
G961-18ADJTEU GMT-G961-18ADJTEU Datasheet
231Kb / 1P
1A Low Dropout Regulator with Enable
G961-18ADJTEUF GMT-G961-18ADJTEUF Datasheet
231Kb / 1P
1A Low Dropout Regulator with Enable
More results


Similar Description - G9612CTEUF

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
500mA Low-Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733_15 Datasheet
349Kb / 13P
500mA, Low Dropout Linear Regulator with Shutdown
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
500mA Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com