Electronic Components Datasheet Search
  English  ▼

X  

IRF7311 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7311 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7311
Download  IRF7311 Download
File Size   2213.33 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V 2N-Channel Enhancement Mode MOSFET

IRF7311 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7311 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7311
Download  IRF7311 Click to download

File Size   2213.33 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V 2N-Channel Enhancement Mode MOSFET

IRF7311 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7311 Product details

General Description
2N-ch MOSFETs with extreme high cell density,
which provide excellent RDSON and gate charge
for most of the small power switching and
load switch applications. The meet the RoHS and
The is the highest performance trench
Product requirement with full function reliability approved.

General Features
VDS = 30V ID = 9A
RDS(ON) < 13mΩ @ VGS=10 V
RDS(ON) < 18mΩ @ VGS=4.5V




Similar Part No. - IRF7311

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7311 IRF-IRF7311 Datasheet
209Kb / 7P
HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
Ultra Low On-Resistance
logo
Guangdong Youtai Semico...
IRF7311 UMW-IRF7311 Datasheet
2Mb / 6P
30V 2N-Channel Enhancement Mode MOSFET
logo
International Rectifier
IRF7311PBF IRF-IRF7311PBF Datasheet
1Mb / 7P
HEXFET짰Power MOSFET
IRF7311PBF IRF-IRF7311PBF Datasheet
1Mb / 7P
GENERATION V TECHNOLOGY
More results


Similar Description - IRF7311

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Anachip Corp
AF9902M ANACHIP-AF9902M Datasheet
799Kb / 8P
2N and 2P-Channel Enhancement Mode Power MOSFET
Rev. 1.0 Sep 22, 2005
AF9903M ANACHIP-AF9903M Datasheet
799Kb / 8P
2N and 2P-Channel Enhancement Mode Power MOSFET
Rev. 1.0 Sep 22, 2005
logo
Advanced Power Electron...
AP9930GM A-POWER-AP9930GM Datasheet
95Kb / 7P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9934GM A-POWER-AP9934GM Datasheet
96Kb / 7P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Silicon Standard Corp.
SSM9934GM SSC-SSM9934GM Datasheet
263Kb / 8P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTC9930Q8 CYSTEKEC-MTC9930Q8 Datasheet
483Kb / 12P
2N- and 2P-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
IRF9956TR UMW-IRF9956TR Datasheet
475Kb / 7P
30V 2N-Channel MOSFET
IRF7311TR UMW-IRF7311TR Datasheet
2Mb / 6P
30V 2N-Channel Enhancement Mode MOSFET
IRF8313TR UMW-IRF8313TR Datasheet
2Mb / 6P
30V 2N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com