Electronic Components Datasheet Search
  English  ▼

X  

IRF7241 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7241 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7241
Download  IRF7241 Download
File Size   983.69 Kbytes
Page   9 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -40V P-Channel MOSFET

IRF7241 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7241 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7241
Download  IRF7241 Click to download

File Size   983.69 Kbytes
Page   9 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -40V P-Channel MOSFET

IRF7241 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7241 Product details

Features
• VDS (V) = -40V
• ID = -6.2A(VGS = -10V)
• RDS(ON) <41mΩ(VGS=-10V)
• RDS(ON) <70mΩ(VGS=-4.5V)
• Trench Technology
• Ultra Low On-Resistance
• P-Channel MOSFET
• Lead-Free




Similar Part No. - IRF7241

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7241 IRF-IRF7241 Datasheet
178Kb / 9P
HEXFET Power MOSFET
IRF7241PBF IRF-IRF7241PBF Datasheet
170Kb / 9P
HEXFET Power MOSFET
IRF7241PBF IRF-IRF7241PBF Datasheet
176Kb / 9P
Trench Technology
IRF7241PBF IRF-IRF7241PBF_15 Datasheet
176Kb / 9P
Trench Technology
logo
VBsemi Electronics Co.,...
IRF7241TRPBF VBSEMI-IRF7241TRPBF Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
More results


Similar Description - IRF7241

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4443 AOSMD-AO4443_11 Datasheet
314Kb / 5P
40V P-Channel MOSFET
AO4485 AOSMD-AO4485_10 Datasheet
185Kb / 4P
40V P-Channel MOSFET
AOD413A AOSMD-AOD413A_11 Datasheet
212Kb / 6P
40V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4443 WHXPCB-AO4443 Datasheet
2Mb / 5P
40V P-Channel MOSFET
AO4485 WHXPCB-AO4485 Datasheet
1Mb / 4P
40V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AONR20485 AOSMD-AONR20485 Datasheet
390Kb / 6P
40V P-Channel MOSFET
Rev.1.0: August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com