Electronic Components Datasheet Search
  English  ▼

X  

AO4441 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO4441 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO4441
Download  AO4441 Download
File Size   569.37 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -60V P-Channel MOSFET

AO4441 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4441 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO4441
Download  AO4441 Click to download

File Size   569.37 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -60V P-Channel MOSFET

AO4441 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO4441 Product details

General Description
The AO4441 uses advanced trench technology to provide
excellent RDS(ON), and ultra-low low gate charge. This
device is suitable for use as a load switch or in PWM
applications.

Features
ID = -4A (VGS =-10V)
VDS (V) =-60V
RDS(ON)< 130mΩ (VGS =-4.5V)
RDS(ON)< 100mΩ (VGS =-10V)




Similar Part No. - AO4441

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4441 AOSMD-AO4441 Datasheet
156Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
60V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4441 KEXIN-AO4441 Datasheet
1Mb / 4P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4441 VBSEMI-AO4441 Datasheet
1Mb / 9P
P-Channel 60 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4441 DOINGTER-AO4441 Datasheet
659Kb / 4P
P-Channel MOSFET uses advanced trench technology
More results


Similar Description - AO4441

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
60V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
-60V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com