Electronic Components Datasheet Search
  English  ▼

X  

1809759 Datasheet (PDF) - PHOENIX CONTACT

1809759 Datasheet PDF - PHOENIX CONTACT
Part # 1809759
Download  1809759 Download
File Size   396.01 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBR 2,5/10-STF-5,08 EX - PCB connector

1809759 Datasheet (PDF)

Go To PDF Page Download Datasheet
1809759 Datasheet PDF - PHOENIX CONTACT

Part # 1809759
Download  1809759 Click to download

File Size   396.01 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBR 2,5/10-STF-5,08 EX - PCB connector

1809759 Datasheet (HTML) - PHOENIX CONTACT


1809759 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, contact
surface: Tin, contact connection type: Socket, number of potentials: 10, number of rows: 1,
number of positions: 10, number of connections: 10, product range: MVSTBR 2,5/..-STF-EX,
pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head form: L
Slotted, conductor/PCB connection direction: 90 °, locking clip: - Locking clip, plug-in system:
COMBICON MSTB 2,5 EX, locking: Screw locking mechanism, mounting: Screw flange, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Screwable flange for superior mechanical stability
• Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas




Similar Part No. - 1809759

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809750 PHOENIX-1809750 Datasheet
156Kb / 5P
MSTB 2,5/ 4-GF-5,08
1809750 PHOENIX-1809750 Datasheet
158Kb / 6P
MSTBV 2,5/ 4-GF-5,08
1809750 PHOENIX-1809750 Datasheet
147Kb / 6P
IC 2,5/ 4-STGF-5,08
1809750 PHOENIX-1809750 Datasheet
196Kb / 5P
EMSTB 2,5/ 4-GF-5,08
1809750 PHOENIX-1809750 Datasheet
195Kb / 5P
EMSTBV 2,5/ 4-GF-5,08
More results


Similar Description - 1809759

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809775 PHOENIX-1809775 Datasheet
61Kb / 3P
Printed-circuit board connector - MVSTBR 2,5/12-STF-5,08 EX
1161208 PHOENIX-1161208 Datasheet
776Kb / 19P
PCB connector - MVSTBR 2,5/ 3-STF-5,08 BUBDWH
Jul 20, 2022
1912621 PHOENIX-1912621 Datasheet
321Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 2-STF-5,08
Dec 30, 2022
1912634 PHOENIX-1912634 Datasheet
319Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 3-STF-5,08
Dec 30, 2022
1795556 PHOENIX-1795556 Datasheet
400Kb / 13P
PCB connector - MSTB 2,5/ 2-STF-5,08 EX
Jan 4, 2023
1912647 PHOENIX-1912647 Datasheet
323Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 4-STF-5,08
1795637 PHOENIX-1795637 Datasheet
406Kb / 13P
MSTB 2,5/10-STF-5,08 EX - PCB connector
1835216 PHOENIX-1835216 Datasheet
642Kb / 15P
MVSTBR 2,5/14-STF-5,08 - PCB connector
1912689 PHOENIX-1912689 Datasheet
323Kb / 11P
MVSTBR 2,5 HC/ 8-STF-5,08 - PCB connector
1835229 PHOENIX-1835229 Datasheet
657Kb / 16P
MVSTBR 2,5/15-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com