Electronic Components Datasheet Search
  English  ▼

X  

1766505 Datasheet (PDF) - PHOENIX CONTACT

1766505 Datasheet PDF - PHOENIX CONTACT
Part # 1766505
Download  1766505 Download
File Size   521.15 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTBV 2,5/ 7-G - PCB header

1766505 Datasheet (PDF)

Go To PDF Page Download Datasheet
1766505 Datasheet PDF - PHOENIX CONTACT

Part # 1766505
Download  1766505 Click to download

File Size   521.15 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTBV 2,5/ 7-G - PCB header

1766505 Datasheet (HTML) - PHOENIX CONTACT


1766505 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 630 V, contact surface: Tin, contact connection type: Pin, number of potentials: 7, number
of rows: 1, number of positions: 7, number of connections: 7, product range: GMSTBV 2,5/..-G,
pitch: 7.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Header with straight solder pins for 630 V applications (III/2)




Similar Part No. - 1766505

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
ASSEMBLY, RT ANGLE, ADVANCEDTCA
1766500-1 MACOM-1766500-1 Datasheet
204Kb / 2P
ASSEMBLY, RT ANGLE, ADVANCEDTCA
1766500-1 MACOM-1766500-1 Datasheet
1Mb / 6P
Quick Reference Guide 2-Piece Power Connectors
1766500-1 MACOM-1766500-1 Datasheet
1Mb / 6P
2-Piece Power Connectors
1766500-1 MACOM-1766500-1 Datasheet
1Mb / 6P
2-Piece Power Connectors
More results


Similar Description - 1766505

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766563 PHOENIX-1766563 Datasheet
224Kb / 11P
Feed-through header - GMSTBV 2,5/ 2-G-7,62
1766482 PHOENIX-1766482 Datasheet
72Kb / 4P
Base strip - GMSTBV 2,5/ 5-G
1766615 PHOENIX-1766615 Datasheet
75Kb / 5P
Base strip - GMSTBV 2,5/ 7-G-7,62
1766631 PHOENIX-1766631 Datasheet
145Kb / 5P
GMSTBV 2,5/ 9-G-7,62
1767119 PHOENIX-1767119 Datasheet
145Kb / 5P
GMSTBV 2,5/12-G-7,62
1766712 PHOENIX-1766712 Datasheet
528Kb / 14P
PCB header - GMSTBVA 2,5/ 7-G
Jan 3, 2023
1829170 PHOENIX-1829170 Datasheet
919Kb / 15P
PCB header - GMSTBV 2,5/ 4-GF-7,62
Jan 5, 2023
1963476 PHOENIX-1963476 Datasheet
512Kb / 12P
MC 0,5/ 7-G-2,5 THT - PCB header
1963586 PHOENIX-1963586 Datasheet
511Kb / 12P
MCV 0,5/ 7-G-2,5 THT - PCB header
1936063 PHOENIX-1936063 Datasheet
242Kb / 10P
MSTBVA 2,5/ 7-G-5,08-RN - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com