Electronic Components Datasheet Search
  English  ▼

X  

TMP112 Datasheet (PDF) - Texas Instruments

TMP112 Datasheet PDF - Texas Instruments
Part # TMP112_V02
Download  TMP112 Download
File Size   1438.61 Kbytes
Page   47 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages

TMP112 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP112 Datasheet PDF - Texas Instruments

Part # TMP112_V02
Download  TMP112 Click to download

File Size   1438.61 Kbytes
Page   47 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages

TMP112 Datasheet (HTML) - Texas Instruments


TMP112 Product details

1 Features
• TMP112A Accuracy Without Calibration:
– ±0.5°C (Maximum) From 0°C to +65°C (3.3V)
– ±1.0°C (Maximum) From –40°C to +125°C
• TMP112B Accuracy Without Calibration:
– ±0.5°C (Maximum) From 0°C to +65°C (1.8V)
– ±1.0°C (Maximum) From –40°C to +125°C
• TMP112N Accuracy Without Calibration:
– ±1.0°C (Maximum) From –40°C to +125°C
• TMP112Dx Accuracy Without Calibration:
– ±0.5°C (Maximum) From -25°C to 85°C (V+ ≥
1.5V)
– ±1.0°C (Maximum) From –40°C to 125°C
• SOT563 Package (1.6mm × 1.6mm)
• X2SON Package (0.8mm × 0.8mm)
• Low Quiescent Current:
– 10-μA Active (Maximum), 1-μA Shutdown
(Maximum)
• Supply Range: 1.4V to 3.6V
• Resolution: 12 Bits
• Digital Output: SMBus™, Two-Wire, and I 2C
Interface Compatibility
• NIST Traceable

2 Applications
• Building automation
– Occupancy detection
– Video doorbell
– HVAC: Wireless environmental sensor
• Factory automation & control
– Machine vision camera
– Industrial PC: Single board computer
– CPU (PLC controller)
• Cold chain
• Data center & enterprise computing
– Solid state drive (SSD)
– Rack Server Motherboard
• Personal electronics
– PC & notebooks, tablets
– Digital still & video camera
– Augmented reality glasses
– Smart speakers

3 Description
The TMP112 family of devices are digital temperature
sensors designed for high-accuracy, low-power,
NTC/PTC thermistor replacements where high
accuracy is required. The TMP112A, TMP112B,
TMP112Dx offer 0.5°C accuracy and are optimized to
provide the best PSR performance for 3.3V, 1.8V and
≥1.5V operation respectively, while TMP112N offers
1°C accuracy. These temperature sensors are highly
linear and do not require complex calculations or
lookup tables to derive the temperature. The on-chip
12-bit ADC offers resolutions down to 0.0625°C.
The 1.6mm × 1.6mm SOT563 package is 68%
smaller footprint than an SOT23 package while
TMP112Dx utilizes ultra-small (0.64mm2) 5-pin
package. The TMP112 family features SMBus, twowire
and I2C interface compatibility, and allows up to
four devices on one bus. The device also features
an SMBus alert function or variant. The device is
specified to operate over supply voltages from 1.4V
to 3.6V with the typical quiescent current 3.2μA over
the full operating range.
The TMP112 family is designed for extended
temperature measurement in communication,
computer, consumer, environmental, industrial, and
instrumentation applications. The device is specified
for operation over a temperature range of –40°C to
125°C.
The TMP112 family production units are 100%
tested against sensors that are NIST-traceable and
are verified with equipment that are NIST-traceable
through ISO/IEC 17025 accredited calibrations.




Similar Part No. - TMP112_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112 TI1-TMP112_V01 Datasheet
1Mb / 47P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
TMP112 TI1-TMP112_V03 Datasheet
1Mb / 41P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
JULY 2024
TMP112 TI1-TMP112_V04 Datasheet
1Mb / 46P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
REVISED JULY 2024
More results


Similar Description - TMP112_V02

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102 Datasheet
452Kb / 19P
Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com