Electronic Components Datasheet Search
  English  ▼

X  

ADS9227RHAR Datasheet (PDF) - Texas Instruments

ADS9227RHAR Datasheet PDF - Texas Instruments
Part # ADS9227RHAR
Download  ADS9227RHAR Download
File Size   2899.86 Kbytes
Page   71 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADS922x Dual, Simultaneous-Sampling, 16-Bit, 20MSPS SAR ADCs With Fully Differential ADC Input Driver

ADS9227RHAR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS9227RHAR Datasheet PDF - Texas Instruments

Part # ADS9227RHAR
Download  ADS9227RHAR Click to download

File Size   2899.86 Kbytes
Page   71 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADS922x Dual, Simultaneous-Sampling, 16-Bit, 20MSPS SAR ADCs With Fully Differential ADC Input Driver

ADS9227RHAR Datasheet (HTML) - Texas Instruments


ADS9227RHAR Product details

1 Features
• High-speed sampling rate: 20MSPS/ch
– ADS9229 (preview): 20MSPS/ch, 187mW/ch
– ADS9228 (preview): 10MSPS/ch, 146mW/ch
– ADS9227: 5MSPS/ch, 95mW/ch
• 2-channel, simultaneous sampling
• Feature integration:
– Integrated ADC driver
– Integrated precision reference
– Common-mode voltage output buffer
• High-performance
– 16-bit no missing codes
– INL: ±0.3LSB, DNL: ±0.3LSB
– SNR: 93.9dB
• Wide input bandwidth:
– ADS9229: 135MHz (–3dB)
– ADS9228: 90MHz (–3dB)
– ADS9227: 45MHz (–3dB)
• Serial LVDS interface:
– SDR and DDR output modes
– Synchronous clock and data output
• Extended operating range: –40°C to 125°C

2 Applications
• Power analyzers
• Source measurement units (SMU)
• Marine equipment
• Servo drive position feedback
• DC power supplies, AC sources, electronic loads

3 Description
The ADS922x is a family of 16-bit, high-speed, dualchannel,
simultaneous-sampling, analog-to-digital
converter (ADC) with an integrated driver for the
ADC inputs. The integrated ADC driver simplifies
the signal chain, reduces power consumption for
precision applications, and supports high-frequency
signals beyond 1MHz. By not requiring an external
decoupling capacitor, the integrated ADC reference
buffer is optimized for wide bandwidth applications.
The ADS922x uses a serial LVDS (SLVDS) data
interface that enables high-speed digital interface
while minimizing digital switching noise. Read the
dual-channel ADC data using separate SLVDS
outputs per ADC channel or one SLVDS output for
both ADC channels.




Similar Part No. - ADS9227RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS9227RHAR TI1-ADS9227RHAR Datasheet
2Mb / 73P
ADS922x Dual, Simultaneous-Sampling, 16-Bit, 20MSPS SAR ADCs With Fully Differential ADC Input Driver
AUGUST 2024
ADS9227RHAR TI1-ADS9227RHAR Datasheet
2Mb / 72P
ADS922x Dual, Simultaneous-Sampling, 16-Bit, 20MSPS SAR ADCs With Fully Differential ADC Input Driver
MARCH 2025
More results


Similar Description - ADS9227RHAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7380 AD-AD7380 Datasheet
699Kb / 31P
Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
1/2019-Revision 0
AD7380-4 AD-AD7380-4 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
AD7389-4 AD-AD7389-4 Datasheet
611Kb / 31P
Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
1/2022-Revision 0
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com