Electronic Components Datasheet Search
  English  ▼

X  

1442337 Datasheet (PDF) - PHOENIX CONTACT

1442337 Datasheet PDF - PHOENIX CONTACT
Part # 1442337
Download  1442337 Download
File Size   543.32 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MS/ 5,0-PUR P - Sensor/actuator cable

1442337 Datasheet (PDF)

Go To PDF Page Download Datasheet
1442337 Datasheet PDF - PHOENIX CONTACT

Part # 1442337
Download  1442337 Click to download

File Size   543.32 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MS/ 5,0-PUR P - Sensor/actuator cable

1442337 Datasheet (HTML) - PHOENIX CONTACT


1442337 Product details

Sensor/actuator cable, 3-position, PUR halogen-free, black-gray RAL 7021, Plug straight M12,
coding: A, on free cable end, cable length: 5 m, with plastic knurl

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save weight – our connectors with light plastic knurl




Similar Part No. - 1442337

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
1442300G1-C ATGBICS-1442300G1-C Datasheet
185Kb / 7P
1442300G1 AdTran Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
logo
PHOENIX CONTACT
1442308 PHOENIX-1442308 Datasheet
458Kb / 11P
SACCBP-MS-17CON-M16/1,0-PVCSCO - Device connector, rear mounting
1442311 PHOENIX-1442311 Datasheet
386Kb / 10P
SACCBP-MS-17CON-M16/2,0-PVCSCO - Device connector, rear mounting
logo
ATGBICS by Approved Tec...
1442320G1-C ATGBICS-1442320G1-C Datasheet
324Kb / 9P
1442320G1 AdTran Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
PHOENIX CONTACT
1442324 PHOENIX-1442324 Datasheet
543Kb / 18P
SAC-3P-M12MS/ 3,0-PUR P - Sensor/actuator cable
More results


Similar Description - 1442337

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400592 PHOENIX-1400592 Datasheet
68Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MS/5,0-PUR/CI-1LZ
1400814 PHOENIX-1400814 Datasheet
105Kb / 7P
Sensor/Actuator cable - SAC-3P-5,0-PUR/C
1402984 PHOENIX-1402984 Datasheet
109Kb / 8P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/A
1438477 PHOENIX-1438477 Datasheet
89Kb / 5P
Sensor/Actuator cable - SAC-3P-M12MS/5,0-PUR/BI-1L-Z
1439641 PHOENIX-1439641 Datasheet
89Kb / 5P
Sensor/Actuator cable - SAC-3P-M12MS/5,0-PUR/A-1L-Z
1442340 PHOENIX-1442340 Datasheet
127Kb / 10P
Sensor/actuator cable - SAC-3P-M12MS/10,0-PUR P
09/11/2020
1442418 PHOENIX-1442418 Datasheet
130Kb / 10P
Sensor/actuator cable - SAC-5P-M12MS/ 5,0-PUR P
09/11/2020
1442696 PHOENIX-1442696 Datasheet
133Kb / 10P
Sensor/actuator cable - SAC-3P- 5,0-PUR/M12FR P
09/11/2020
1694075 PHOENIX-1694075 Datasheet
81Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-PUR/M12FS
12/07/2018
1696400 PHOENIX-1696400 Datasheet
86Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/5,0-PUR/M12FR
12/02/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com