Electronic Components Datasheet Search
  English  ▼

X  

1407265 Datasheet (PDF) - PHOENIX CONTACT

1407265 Datasheet PDF - PHOENIX CONTACT
Part # 1407265
Download  1407265 Download
File Size   414.3 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS/10,0-28X SH OD - Sensor/actuator cable

1407265 Datasheet (PDF)

Go To PDF Page Download Datasheet
1407265 Datasheet PDF - PHOENIX CONTACT

Part # 1407265
Download  1407265 Click to download

File Size   414.3 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS/10,0-28X SH OD - Sensor/actuator cable

1407265 Datasheet (HTML) - PHOENIX CONTACT


1407265 Product details

Sensor/actuator cable, 5-position, PE-X/PE-X halogen-free, black-gray RAL 7021, shielded, Plug
straight M12, coding: A, on free cable end, cable length: 10 m, for outdoor applications, with
high-grade steel knurl

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Robust throughout: resistant to oil, UV, and ozone, withstands temperatures from -40°C … +105°C
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1407265

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407260 PHOENIX-1407260 Datasheet
1Mb / 11P
SAC-5P-10,0-28X/M12FS OD - Sensor/actuator cable
1407261 PHOENIX-1407261 Datasheet
1Mb / 12P
SAC-5P-M12MS/ 2,0-28X/M12FS OD - Sensor/actuator cable
1407262 PHOENIX-1407262 Datasheet
1Mb / 12P
SAC-5P-M12MS/ 5,0-28X/M12FS OD - Sensor/actuator cable
1407263 PHOENIX-1407263 Datasheet
414Kb / 11P
SAC-5P-M12MS/ 2,0-28X SH OD - Sensor/actuator cable
1407264 PHOENIX-1407264 Datasheet
414Kb / 11P
SAC-5P-M12MS/ 5,0-28X SH OD - Sensor/actuator cable
More results


Similar Description - 1407265

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403889 PHOENIX-1403889 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/10,0-PUR/M12FS
1407790 PHOENIX-1407790 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P-10,0-PUR/FS SH SCO
1407294 PHOENIX-1407294 Datasheet
103Kb / 4P
Sensor/actuator cable - SAC-5P-10,0-PUO/AD-2L OD
1425146 PHOENIX-1425146 Datasheet
136Kb / 9P
Sensor/actuator cable - SAC-5P-M12MS/7,2-28X/M12FS OD
09/12/2020
1454134 PHOENIX-1454134 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-28X SH OD
09/11/2020
1530854 PHOENIX-1530854 Datasheet
114Kb / 4P
Sensor/actuator cable - SAC-5P-M12MS/25,0-PUR/M12FS SH
12/06/2018
1410473 PHOENIX-1410473 Datasheet
434Kb / 12P
SAC-5P-M12MS/10,0-92X SH OD - Bus system cable
1095836 PHOENIX-1095836 Datasheet
1Mb / 13P
SAC-5P-M12MS/10,0-680/M12FS FDP - Sensor/actuator cable
1476884 PHOENIX-1476884 Datasheet
1Mb / 8P
SAC-5P-10,0-PUR/P12FR SH - Sensor/actuator cable
1476900 PHOENIX-1476900 Datasheet
1Mb / 8P
SAC-5P-P12MS/10,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com