Electronic Components Datasheet Search
  English  ▼

X  

AO4832 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO4832 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO4832
Download  AO4832 Download
File Size   643.32 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V Dual N-Channel MOSFET

AO4832 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4832 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO4832
Download  AO4832 Click to download

File Size   643.32 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V Dual N-Channel MOSFET

AO4832 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO4832 Product details

General Description
The AO4832 uses advanced trench technology to provide
excellent RDS(ON) with low gate charge.
This device is suitable for high side switch in SMPS and
general purpose applications.

Product Summary
VDS 30V
ID (at VGS=10V) 10A
RDS(ON) (at VGS=10V) < 13mW
RDS(ON) (at VGS=4.5V) < 17.5mW




Similar Part No. - AO4832

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4832 AOSMD-AO4832 Datasheet
114Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO4832 AOSMD-AO4832 Datasheet
552Kb / 6P
30V Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4832 VBSEMI-AO4832 Datasheet
1Mb / 9P
N-Channel 0-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
AO4832 TECHPUBLIC-AO4832 Datasheet
5Mb / 5P
Dual N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - AO4832

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4854 AOSMD-AO4854 Datasheet
206Kb / 6P
30V Dual N-channel MOSFET
AO4800B AOSMD-AO4800B_11 Datasheet
575Kb / 6P
30V Dual N-Channel MOSFET
AO4812 AOSMD-AO4812_11 Datasheet
261Kb / 5P
30V Dual N-Channel MOSFET
AO4818 AOSMD-AO4818_11 Datasheet
212Kb / 6P
30V Dual N-channel MOSFET
AO4818B AOSMD-AO4818B Datasheet
304Kb / 6P
30V Dual N-channel MOSFET
AO4948 AOSMD-AO4948 Datasheet
620Kb / 8P
30V Dual N-Channel MOSFET
AO6810 AOSMD-AO6810_11 Datasheet
523Kb / 5P
30V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4416D TSC-TSM4416D_12 Datasheet
222Kb / 6P
30V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3620 GOOD-ARK-SSF3620 Datasheet
780Kb / 6P
30V Dual N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com