Electronic Components Datasheet Search
  English  ▼

X  

AO4480 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO4480 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO4480
Download  AO4480 Download
File Size   473.0 Kbytes
Page   4 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 40V N-Channel MOSFET

AO4480 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4480 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO4480
Download  AO4480 Click to download

File Size   473.0 Kbytes
Page   4 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 40V N-Channel MOSFET

AO4480 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO4480 Product details

General Description
The AO4480 uses advanced trench technology to
provide excellent RDS(ON), low gate charge. It is ESD
Protected. This device is suitable for use as a low side
switch in SMPS and general purpose applications.

Product Summary
VDS (V) = 40V
ID = 14A (VGS = 10V)
RDS(ON) < 11.5mW (VGS = 10V)
RDS(ON) < 15.5mW (VGS = 4.5V)
ESD Rating: 4KV HBM
100% UIS Tested
100% Rg Tested




Similar Part No. - AO4480

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4480 AOSMD-AO4480 Datasheet
141Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
AO4480 AOSMD-AO4480 Datasheet
173Kb / 4P
40V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4480 WHXPCB-AO4480 Datasheet
1Mb / 4P
40V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4480 KEXIN-AO4480 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4480 VBSEMI-AO4480 Datasheet
1Mb / 9P
N-Channel 40-V (D-S) MOSFET
More results


Similar Description - AO4480

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
40V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com