Electronic Components Datasheet Search
  English  ▼

X  

SPD30P6PG Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

SPD30P6PG Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # SPD30P6PG
Download  SPD30P6PG Download
File Size   448.59 Kbytes
Page   9 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -60V P-Channel MOSFET

SPD30P6PG Datasheet (PDF)

Go To PDF Page Download Datasheet
SPD30P6PG Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # SPD30P6PG
Download  SPD30P6PG Click to download

File Size   448.59 Kbytes
Page   9 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -60V P-Channel MOSFET

SPD30P6PG Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


SPD30P6PG Product details

Features
· P-Channel
· Enhancement mode
· Avalanche rated
· dv/dt rated
· 175°C operating temperature

Product Summary
RDS(on) =75 m
VDS (V) = -60V
ID = -30A (VGS = -10V)
(VGS = -10V)




Similar Part No. - SPD30P6PG

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SPD30P6PG UMW-SPD30P6PG Datasheet
828Kb / 9P
-60V P-Channel MOSFET
More results


Similar Description - SPD30P6PG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
60V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
-60V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com