Electronic Components Datasheet Search
  English  ▼

X  

SI4948 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

SI4948 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # SI4948
Download  SI4948 Download
File Size   311.88 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual P-Channel MOSFET

SI4948 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI4948 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # SI4948
Download  SI4948 Click to download

File Size   311.88 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual P-Channel MOSFET

SI4948 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


SI4948 Product details

PRODUCT SUMMARY
VDS (V)=-60V
RDS(ON)< 120mΩ (VGS = -10V)
RDS(ON)< 150mΩ (VGS = -4.5V)




Similar Part No. - SI4948

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SI4948 UMW-SI4948 Datasheet
320Kb / 7P
Dual P-Channel MOSFET
logo
Vishay Siliconix
SI4948BEY VISHAY-SI4948BEY Datasheet
72Kb / 5P
Dual P-Channel 60-V (D-S) 175 MOSFET
15-Mar-04
SI4948BEY VISHAY-SI4948BEY Datasheet
209Kb / 4P
Dual P-Channel 60-V (D-S) 175 Celsius MOSFET
21-Nov-05
logo
SHENZHEN DOINGTER SEMIC...
SI4948BEY DOINGTER-SI4948BEY Datasheet
1Mb / 5P
P-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4948BEY VISHAY-SI4948BEY Datasheet
166Kb / 8P
Dual P-Channel 60-V (D-S) 175° MOSFET
01-Jun-09
More results


Similar Description - SI4948

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
Dual P-channel MOSFET
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
Dual P-Channel MOSFET
logo
ELM Electronics
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
Dual P-channel MOSFET
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
Dual P-Channel MOSFET
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
Dual P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com