Electronic Components Datasheet Search
  English  ▼

X  

1620404 Datasheet (PDF) - PHOENIX CONTACT

1620404 Datasheet PDF - PHOENIX CONTACT
Part # 1620404
Download  1620404 Download
File Size   547.03 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-7E - OE/5,0-D03/M23 F8 - Cable plug in molded plastic

1620404 Datasheet (PDF)

Go To PDF Page Download Datasheet
1620404 Datasheet PDF - PHOENIX CONTACT

Part # 1620404
Download  1620404 Click to download

File Size   547.03 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-7E - OE/5,0-D03/M23 F8 - Cable plug in molded plastic

1620404 Datasheet (HTML) - PHOENIX CONTACT


1620404 Product details

Cable plug in molded plastic, series: KSF, M23-Socket, Straight, plastic molded, number of
positions: 4+3+PE, type of locking: Screw locking mechanism, cable length: 5 m, shielded: yes,
color of outer sheath: orange RAL 2003

Your advantages
• Our standard: robust halogen-free PUR cable
• Simple and safe: 100% electrically tested and assembled ready for use
• Designs with preassembled cables on one or both sides
• High flexibility: customer-specific assemblies and cable lengths can be supplied




Similar Part No. - 1620404

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1620400000 WEIDMULLER-1620400000 Datasheet
276Kb / 7P
BL 3.50/20/180 SN BK BX
1620400000 WEIDMULLER-1620400000 Datasheet
96Kb / 5P
BL 3.5/23 SN SW
logo
PHOENIX CONTACT
1620401 PHOENIX-1620401 Datasheet
545Kb / 12P
K-7E - OE/010-D02/M23 F8 - Cable plug in molded plastic
1620402 PHOENIX-1620402 Datasheet
547Kb / 13P
K-7E - OE/2,0-D03/M23 F8 - Cable plug in molded plastic
1620405 PHOENIX-1620405 Datasheet
548Kb / 13P
K-7E - OE/010-D03/M23 F8 - Cable plug in molded plastic
More results


Similar Description - 1620404

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619277 PHOENIX-1619277 Datasheet
148Kb / 7P
Cable plug in molded plastic - K-17 - OE/2,0-E01/M23 F8
09/11/2020
1620426 PHOENIX-1620426 Datasheet
135Kb / 9P
Cable plug in molded plastic - K-7E - OE/010-D03/M23 FK
09/11/2020
1622231 PHOENIX-1622231 Datasheet
193Kb / 11P
Cable plug in molded plastic - K-8E-OE/5,0-H00/M23FK-C5-S
09/11/2020
1624780 PHOENIX-1624780 Datasheet
150Kb / 8P
Cable plug in molded plastic - K-17 - OE/2,0-E01/M17 F8
09/11/2020
1112873 PHOENIX-1112873 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93B/OE
1113178 PHOENIX-1113178 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93K/OE
1113196 PHOENIX-1113196 Datasheet
185Kb / 5P
Patch cable - NBC-R4ACS/5,0-94F/OE
1113214 PHOENIX-1113214 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACB/5,0-93K/OE
logo
Lapp.
44420148 LAPP-44420148 Datasheet
211Kb / 3P
EPIC® SIGNAL M23 7E/P
17.09.2018
logo
PHOENIX CONTACT
1113209 PHOENIX-1113209 Datasheet
228Kb / 7P
NBC-R4ACS/5,0-94C/OE - Patch cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com