Electronic Components Datasheet Search
  English  ▼

X  

NTD25P03 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

NTD25P03 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # NTD25P03
Download  NTD25P03 Download
File Size   408.79 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel -30V (D-S) MOSFET

NTD25P03 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTD25P03 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # NTD25P03
Download  NTD25P03 Click to download

File Size   408.79 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel -30V (D-S) MOSFET

NTD25P03 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


NTD25P03 Product details

PRODUCT SUMMARY
VDS (V) = -30V
RDS(ON)< 43mΩ (VGS = -4.5V)
RDS(ON)< 52mΩ (VGS = -2.5V)

FEATURES
• Halogen-free

APPLICATIONS
• Load Switch
• Notebook Adaptor Switch




Similar Part No. - NTD25P03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD25P03 ONSEMI-NTD25P03 Datasheet
74Kb / 10P
Power MOSFET
August, 2004 ??Rev. 1
NTD25P03L ONSEMI-NTD25P03L Datasheet
74Kb / 10P
Power MOSFET
August, 2004 ??Rev. 1
NTD25P03L ONSEMI-NTD25P03L Datasheet
160Kb / 9P
Power MOSFET -25 Amp, -30 Volt
March, 2006 ??Rev. 3
NTD25P03L ONSEMI-NTD25P03L Datasheet
117Kb / 8P
Power MOSFET
September, 2014 ??Rev. 5
NTD25P03L ONSEMI-NTD25P03L Datasheet
234Kb / 9P
MOSFET – Power, P-Channel, Logic Level, DPAK -25 A, -30 V
May, 2019 - Rev. 5
More results


Similar Description - NTD25P03

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2329P ANALOGPOWER-AM2329P Datasheet
139Kb / 3P
P-Channel 30V (D-S) MOSFET
AM3455P ANALOGPOWER-AM3455P Datasheet
134Kb / 2P
P-Channel 30V (D-S) MOSFET
logo
Bookly Micro electronic
BM3401 BOOKLY-BM3401 Datasheet
202Kb / 5P
P-Channel 30V (D-S) 4.5A P-MOSFET
BM3407 BOOKLY-BM3407 Datasheet
106Kb / 5P
P-Channel 30V (D-S) 4A P-MOSFET
logo
Leshan Radio Company
LP8104DT1AG LRC-LP8104DT1AG Datasheet
414Kb / 5P
30V P-Channel (D-S) MOSFET
LP3401ALT1G LRC-LP3401ALT1G Datasheet
852Kb / 3P
P-Channel 30V( D - S) MOSFET VDS =-30V
LPB3408LT1G LRC-LPB3408LT1G Datasheet
525Kb / 5P
30V P-Channel (D-S) MOSFET VDS = -30V
logo
First Silicon Co., Ltd
FTK2303 FS-FTK2303 Datasheet
369Kb / 4P
P-Channel 30V(D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
4953 TUOFENG-4953 Datasheet
3Mb / 5P
Dual P-Channel -30V(D-S) MOSFET
Feb,2018 V1.0
logo
TECH PUBLIC Electronics...
APM4953 TECHPUBLIC-APM4953 Datasheet
1Mb / 5P
Dual P-Channel 30V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com