Electronic Components Datasheet Search
  English  ▼

X  

IRLR9343 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRLR9343 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRLR9343
Download  IRLR9343 Download
File Size   396.62 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -60V P-Channel MOSFET

IRLR9343 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLR9343 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLR9343
Download  IRLR9343 Click to download

File Size   396.62 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -60V P-Channel MOSFET

IRLR9343 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRLR9343 Product details

Description
Advanced Process Technology
Key Parameters Optimized for Class-D Audio
Amplifier Applications
Low RDSON for Improved Efficiency
Low Qg and Qsw for Better THD and Improved
Efficiency
Low Qrr for Better THD and Lower EMI
175°C Operating Junction Temperature for
Ruggedness
Repetitive Avalanche Capability for Robustness and
Reliability
Multiple Package Options

Features
VDS (V) = -60V
RDS(ON) < 97mΩ (VGS= -10V)
RDS(ON) < 130mΩ (VGS = -4.5V)




Similar Part No. - IRLR9343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR9343 IRF-IRLR9343 Datasheet
245Kb / 10P
DIGITAL AUDIO MOSFET
logo
Kersemi Electronic Co.,...
IRLR9343 KERSEMI-IRLR9343 Datasheet
1Mb / 10P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRLR9343 ISC-IRLR9343 Datasheet
358Kb / 2P
isc P-Channel MOSFET Transistor
logo
International Rectifier
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
308Kb / 11P
Advanced Process Technology
More results


Similar Description - IRLR9343

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
60V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
-60V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com