Electronic Components Datasheet Search
  English  ▼

X  

IRLR3410 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRLR3410 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRLR3410
Download  IRLR3410 Download
File Size   388.28 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRLR3410 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLR3410 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLR3410
Download  IRLR3410 Click to download

File Size   388.28 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRLR3410 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRLR3410 Product details

Description
The D-PAK is designed for surface mounting
using vapor phase, infrared, or wave soldering
techniques.
Power dissipation levels up to 1.5 watts are possible
in typical surface mount applications.

Features
VDS (V) = 100V
ID = 17A (VGS = 10V)
RDS(ON) =105mW (VGS = 10V)




Similar Part No. - IRLR3410

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3410 IRF-IRLR3410 Datasheet
158Kb / 10P
HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRLR3410 ISC-IRLR3410 Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
logo
Guangdong Kexin Industr...
IRLR3410 KEXIN-IRLR3410 Datasheet
261Kb / 7P
N-Channel MOSFET
logo
International Rectifier
IRLR3410PBF IRF-IRLR3410PBF Datasheet
290Kb / 11P
HEXFET짰 Power MOSFET
IRLR3410PBF IRF-IRLR3410PBF Datasheet
291Kb / 11P
Logic Level Gate Drive
More results


Similar Description - IRLR3410

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com