Electronic Components Datasheet Search
  English  ▼

X  

IRFR1205 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRFR1205 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRFR1205
Download  IRFR1205 Download
File Size   1145.41 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRFR1205 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR1205 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRFR1205
Download  IRFR1205 Click to download

File Size   1145.41 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRFR1205 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRFR1205 Product details

Features
VDS (V) = 55V
ID= 44A (VGS=10V)
RDS(ON)< 27mΩ (VGS = 10V)

Description
Lead-Free
Ultra LowOn-Resistance
Fast Switching
Fully Avalanche Rated
The D-PAK is designed for surface mounting using vapor phase,
infrared, or wave soldering technigues The straight lead version
is for through- hole mounting applications. Power dissipation levels
up to 1.5 watts are possible in typical surface mount applications.




Similar Part No. - IRFR1205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR1205 IRF-IRFR1205 Datasheet
144Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.027ohm, Id=44A??
logo
Kersemi Electronic Co.,...
IRFR1205 KERSEMI-IRFR1205 Datasheet
912Kb / 10P
Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRFR1205 ISC-IRFR1205 Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFR1205PBF IRF-IRFR1205PBF Datasheet
397Kb / 11P
HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR1205PBF KERSEMI-IRFR1205PBF Datasheet
3Mb / 10P
ULTRA LOW ON-RESISTANCE
More results


Similar Description - IRFR1205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com