Electronic Components Datasheet Search
  English  ▼

X  

IRF4905STRL Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF4905STRL Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF4905STRL
Download  IRF4905STRL Download
File Size   952.13 Kbytes
Page   9 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -60V P-Channel MOSFET

IRF4905STRL Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF4905STRL Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF4905STRL
Download  IRF4905STRL Click to download

File Size   952.13 Kbytes
Page   9 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -60V P-Channel MOSFET

IRF4905STRL Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF4905STRL Product details

Description
Features of this design are a 150°C junction operating
temperature, fast switching speed and improved
repetitive avalanche rating . These features
combine to make this design an extremely efficient
and reliable device for use in a wide variety of other
applications.

Features
Ultra Low On-Resistance
150°C Operating Temperature
Fast Switching
VDS (V) = -60V
ID = -42A (VGS = -10V)
RDS(ON) < 20mΩ (VGS = -10V)




Similar Part No. - IRF4905STRL

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF4905STRL UMW-IRF4905STRL Datasheet
569Kb / 7P
-60V P-Channel MOSFET
logo
International Rectifier
IRF4905STRLPBF IRF-IRF4905STRLPBF Datasheet
366Kb / 12P
HEXFET짰 Power MOSFET
More results


Similar Description - IRF4905STRL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
60V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
-60V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com