Electronic Components Datasheet Search
  English  ▼

X  

OC11EX/2G.2 Datasheet (PDF) - Turck, Inc.

OC11EX/2G.2 Datasheet PDF - Turck, Inc.
Part # OC11EX/2G.2
Download  OC11EX/2G.2 Download
File Size   512.07 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description excom I/O System PROFIBUS-DP fiber-optic coupler for zone 1

OC11EX/2G.2 Datasheet (PDF)

Go To PDF Page Download Datasheet
OC11EX/2G.2 Datasheet PDF - Turck, Inc.

Part # OC11EX/2G.2
Download  OC11EX/2G.2 Click to download

File Size   512.07 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description excom I/O System PROFIBUS-DP fiber-optic coupler for zone 1

OC11EX/2G.2 Datasheet (HTML) - Turck, Inc.


OC11EX/2G.2 Product details

The optocoupler OC11Ex/2G.2 converts the
PROFIBUS-DP signals on copper cables into optical signals. The bus signals can therefore be transmitted from the safe area to the
Ex area over long distances without potential
or interference. When using fiber-optic cables,
the maximum baud range is 2500 m for OM1
(62.5/125-µm) cables and 1500 m for OM2
(50/125-µm) cables.
The OC11Ex/3G.2 in zone 2 transmits
the signals via the optical interface to the
OC11Ex/2G.2 in zone 1 which converts them.
The signals are then output intrinsically safe at
the RS485-IS interface.
The RS485-IS interface is entirely realized according to the PNO PROFIBUS guideline. The
optocoupler OC11Ex/2G.2 is equipped with
■ intrinsically safe RS485-IS PROFIBUS interface (acc. to the RS485-IS draft worked
out by the PNO work group)
■ intrinsically safe optical interface with ST
connectors for emitter and receiver

Up to 31 bus nodes can be connected to the
fiber-optic coupler. Baud rates of 9.6 kbps up
to 1.5 Mbps are possible, or will be automatically detected.
For diagnostic purposes there are four status
LEDs that indicate power ON, fiber-optic segment, RS485 interface and baud rate. The device features an M8 communication interface.
Two OC11Ex devices can be coupled together via the M8 interface. Wire-break and shortcircuit are not transmitted from one segment
to the next one. All segments can thus be operated trouble-free and independently of one
another.
In order not to limit the number of nodes and
cable length of a PROFIBUS-DP segment,
amplitude and phase are reproduced in the
coupler. The OC11Ex/2G.2 shield is always
capacitively coupled to the equipotential bonding.

■ Device for data transmission between electrical and optical fieldbus circuits
■ Power supply of max. 31 nodes
■ OM1 (62.5/125) for transmitting data over
distances up to 2500 m
■ OM2 (50/125) for transmitting data over
distances up to 1500 m
■ Mounting in zone 1 possible
■ Note: Idle level corresponds to active light!




Similar Part No. - OC11EX/2G.2

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
OC11EX/3G.2 TURCK-OC11EX/3G.2 Datasheet
537Kb / 2P
excom I/O System PROFIBUS-DP – Fiber-Optic Coupler for Zone 2
2023-07-21
More results


Similar Description - OC11EX/2G.2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2862246 PHOENIX-2862246 Datasheet
170Kb / 6P
PROFIBUS bus coupler DP/V1, complete with I/O connectors
8419 PHOENIX-8419 Datasheet
192Kb / 12P
Axioline F bus coupler for PROFIBUS DP
logo
M-System Co.,Ltd.
R6N-P1 MSYSTEM-R6N-P1 Datasheet
131Kb / 3P
Remote I/O R6 Series PROFIBUS-DP INTERFACE MODULE
R3-NP1 MSYSTEM-R3-NP1 Datasheet
164Kb / 5P
Remote I/O R3 Series PROFIBUS-DP INTERFACE MODULE
R5-NP1 MSYSTEM-R5-NP1 Datasheet
158Kb / 5P
Remote I/O R5 Series PROFIBUS-DP INTERFACE MODULE
R6-NP1 MSYSTEM-R6-NP1 Datasheet
131Kb / 3P
Remote I/O R6 Series PROFIBUS-DP INTERFACE MODULE
logo
WAGO Kontakttechnik Gmb...
750-331 WAGO-750-331 Datasheet
406Kb / 11P
Fieldbus Coupler PROFIBUS DP; Fiber-optic connection; 1.5 MBd
750-333-025-000 WAGO-750-333-025-000 Datasheet
428Kb / 12P
Fieldbus Coupler PROFIBUS DP; 2nd Generation
logo
Weidmuller
2614380000 WEIDMULLER-2614380000 Datasheet
473Kb / 5P
Remote I/O fieldbus coupler, IP20, PROFIBUS DP-V1
November 4, 2021
logo
Pepperl+Fuchs Inc.
FOL7250B059 PF-FOL7250B059 Datasheet
980Kb / 2P
PROFIBUS Fiber Optic Link Coupler and Repeater
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com