Electronic Components Datasheet Search
  English  ▼

X  

AO3442A Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO3442A Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO3442A
Download  AO3442A Download
File Size   537.37 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 100V N-Channel MOSFET

AO3442A Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3442A Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO3442A
Download  AO3442A Click to download

File Size   537.37 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 100V N-Channel MOSFET

AO3442A Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO3442A Product details

General Description
The AO3442 combines advanced trench MOSFET
technology with a low resistance package to provide
extremely low RDS(ON). This device is ideal for boost
converters and synchronous rectifiers for consumer,
telecom, industrial power supplies and LED backlighting.

Product Summary
VDS 100V
ID (at VGS=10V) 1A
RDS(ON) (at VGS=10V) < 630mΩ
RDS(ON) (at VGS=4.5V) < 720mΩ




Similar Part No. - AO3442A

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
AO3442A UMW-AO3442A Datasheet
443Kb / 6P
100V N-Channel MOSFET
More results


Similar Description - AO3442A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com