Electronic Components Datasheet Search
  English  ▼

X  

1623972 Datasheet (PDF) - PHOENIX CONTACT

1623972 Datasheet PDF - PHOENIX CONTACT
Part # 1623972
Download  1623972 Download
File Size   242.93 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SM-36KS016 - Crimp contact

1623972 Datasheet (PDF)

Go To PDF Page Download Datasheet
1623972 Datasheet PDF - PHOENIX CONTACT

Part # 1623972
Download  1623972 Click to download

File Size   242.93 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SM-36KS016 - Crimp contact

1623972 Datasheet (HTML) - PHOENIX CONTACT


1623972 Product details

Crimp contact, Socket, turned, contact diameter: 3.6 mm, crimp range: 16 mm2 ... 16 mm2,
Alternative product in accordance with RoHS II without Exemption 6c (Pb < 0.1 %) item no.:
1245032

Your advantages
• Crimping connection: vibration- and temperature-resistant assembly
• High tensile strength of the connection
• Low contact resistance
• Easy production monitoring




Similar Part No. - 1623972

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1623970 PHOENIX-1623970 Datasheet
240Kb / 6P
SM-36KP016 - Crimp contact
More results


Similar Description - 1623972

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605762 PHOENIX-1605762 Datasheet
242Kb / 3P
Crimp contact - SM-36KS004
1605760 PHOENIX-1605760 Datasheet
244Kb / 4P
Crimp contact - SM-36KS003
1605756 PHOENIX-1605756 Datasheet
52Kb / 3P
Crimp contact - SM-36KS001
1605736 PHOENIX-1605736 Datasheet
52Kb / 3P
Crimp contact - SM-20KP005
1605738 PHOENIX-1605738 Datasheet
179Kb / 3P
Crimp contact - SM-20KP006
1605741 PHOENIX-1605741 Datasheet
52Kb / 3P
Crimp contact - SM-20KP008
1605743 PHOENIX-1605743 Datasheet
52Kb / 3P
Crimp contact - SM-36KP001
1605744 PHOENIX-1605744 Datasheet
54Kb / 3P
Crimp contact - SM-36KP002
1605752 PHOENIX-1605752 Datasheet
221Kb / 3P
Crimp contact - SM-36KP007
1605750 PHOENIX-1605750 Datasheet
268Kb / 7P
SM-36KP006 - Crimp contact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com