Electronic Components Datasheet Search
  English  ▼

X  

1243327 Datasheet (PDF) - PHOENIX CONTACT

1243327 Datasheet PDF - PHOENIX CONTACT
Part # 1243327
Download  1243327 Download
File Size   609.94 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-6ES1N8ACK03SX - Panel feed-through

1243327 Datasheet (PDF)

Go To PDF Page Download Datasheet
1243327 Datasheet PDF - PHOENIX CONTACT

Part # 1243327
Download  1243327 Click to download

File Size   609.94 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-6ES1N8ACK03SX - Panel feed-through

1243327 Datasheet (HTML) - PHOENIX CONTACT


1243327 Product details

Panel feed-through, straight, SPEEDCON, M17, number of positions: 6+PE, contact connection
type: Socket, Flat gasket, 4x Ø 3.2, shielded: yes, flange dimensions: 25.75 mm x 25.75 mm,
degree of protection: IP67, cable diameter range: 5 mm ... 9 mm, number of positions: 7,
connection method: Crimp connection, series: ST, Item is lead-free in accordance with RoHS II
without Exemption 6c (Pb < 0.1 %)

Your advantages
• Reduced size: ideal for compact devices
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly
• Flexible use: reliably connect various cable diameters
• User-specific, suitable for front and rear mounting




Similar Part No. - 1243327

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1243320 PHOENIX-1243320 Datasheet
556Kb / 12P
ST-5ES1N8ACK02SX - Panel feed-through
1243321 PHOENIX-1243321 Datasheet
610Kb / 13P
ST-5ES1N8ACK03SX - Panel feed-through
1243322 PHOENIX-1243322 Datasheet
558Kb / 12P
ST-5ES1N8ACK04SX - Panel feed-through
1243323 PHOENIX-1243323 Datasheet
555Kb / 12P
ST-6EP1N8ACK02SX - Panel feed-through
1243324 PHOENIX-1243324 Datasheet
607Kb / 13P
ST-6EP1N8ACK03SX - Panel feed-through
More results


Similar Description - 1243327

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1618763 PHOENIX-1618763 Datasheet
184Kb / 10P
Panel feed-through - ST-3ES1N8ACK03S
09/11/2020
1618776 PHOENIX-1618776 Datasheet
578Kb / 12P
ST-6EP1N8ACK02S - Panel feed-through
1618823 PHOENIX-1618823 Datasheet
627Kb / 14P
ST-8ES1N8ACK04S - Panel feed-through
1618402 PHOENIX-1618402 Datasheet
581Kb / 12P
ST-3EP1N8ACK02S - Panel feed-through
1618774 PHOENIX-1618774 Datasheet
583Kb / 12P
ST-5ES1N8ACK04S - Panel feed-through
1618785 PHOENIX-1618785 Datasheet
583Kb / 12P
ST-7ES1N8ACK04S - Panel feed-through
1618836 PHOENIX-1618836 Datasheet
617Kb / 13P
ST-17S1N8ACK04S - Panel feed-through
1618834 PHOENIX-1618834 Datasheet
608Kb / 12P
ST-17S1N8ACK02S - Panel feed-through
1618407 PHOENIX-1618407 Datasheet
625Kb / 13P
ST-3EP1N8ACK03S - Panel feed-through
1618767 PHOENIX-1618767 Datasheet
571Kb / 12P
ST-5EP1N8ACK02S - Panel feed-through
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com