Electronic Components Datasheet Search
  English  ▼

X  

1697441 Datasheet (PDF) - PHOENIX CONTACT

1697441 Datasheet PDF - PHOENIX CONTACT
Part # 1697441
Download  1697441 Download
File Size   669.83 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12FS SH/.../... - Sensor/actuator cable

1697441 Datasheet (PDF)

Go To PDF Page Download Datasheet
1697441 Datasheet PDF - PHOENIX CONTACT

Part # 1697441
Download  1697441 Click to download

File Size   669.83 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12FS SH/.../... - Sensor/actuator cable

1697441 Datasheet (HTML) - PHOENIX CONTACT


1697441 Product details

Sensor/actuator cable, 3-position, shielded, free cable end, on Socket straight M12, coding: A,
cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1697441

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1697440000 WEIDMULLER-1697440000 Datasheet
742Kb / 22P
Cable glands
More results


Similar Description - 1697441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414561 PHOENIX-1414561 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-3P- 3,0-PVC/M12FS-2L
09/11/2020
1456792 PHOENIX-1456792 Datasheet
137Kb / 10P
Sensor/actuator cable - SAC-3P-M12MS/ 1,5-800/M12FS
09/11/2020
1508459 PHOENIX-1508459 Datasheet
104Kb / 7P
Sensor/actuator cable - SAC-3P- 5,0-PVC/M12FS-2L
09/11/2020
1511569 PHOENIX-1511569 Datasheet
114Kb / 4P
Sensor/actuator cable - SAC-5P-M12MS/ 4,0-PUR/M12FS SH
12/05/2018
1530854 PHOENIX-1530854 Datasheet
114Kb / 4P
Sensor/actuator cable - SAC-5P-M12MS/25,0-PUR/M12FS SH
12/06/2018
1531073 PHOENIX-1531073 Datasheet
108Kb / 4P
Sensor/actuator cable - SAC-5P- 0,3-PUR/M12FS SH
12/06/2018
1533521 PHOENIX-1533521 Datasheet
89Kb / 4P
Sensor/actuator cable - SAC-3P-15,0-PVC/M12FS
12/06/2018
1668072 PHOENIX-1668072 Datasheet
133Kb / 10P
Sensor/actuator cable - SAC-3P- 1,5-PUR/M12FS B
09/11/2020
1668098 PHOENIX-1668098 Datasheet
133Kb / 10P
Sensor/actuator cable - SAC-3P- 5,0-PUR/M12FS B
09/11/2020
1476791 PHOENIX-1476791 Datasheet
1Mb / 8P
SAC-3P- 5,0-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com