Electronic Components Datasheet Search
  English  ▼

X  

1424600 Datasheet (PDF) - PHOENIX CONTACT

1424600 Datasheet PDF - PHOENIX CONTACT
Part # 1424600
Download  1424600 Download
File Size   654.58 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MRL/10,0-290 FE - Power cable

1424600 Datasheet (PDF)

Go To PDF Page Download Datasheet
1424600 Datasheet PDF - PHOENIX CONTACT

Part # 1424600
Download  1424600 Click to download

File Size   654.58 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MRL/10,0-290 FE - Power cable

1424600 Datasheet (HTML) - PHOENIX CONTACT


1424600 Product details

Power cable, 5-position, PUR halogen-free, gray RAL 7001, Plug angled M12, coding: L, on free
cable end, cable length: 10 m, For direct current up to 12 A/63 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special L-coding
• Our standard: robust halogen-free PUR cable




Similar Part No. - 1424600

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424601 PHOENIX-1424601 Datasheet
581Kb / 18P
SAC-5P- 1,5-290/M12FSL FE - Power cable
1424602 PHOENIX-1424602 Datasheet
103Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1424603 PHOENIX-1424603 Datasheet
104Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1424604 PHOENIX-1424604 Datasheet
103Kb / 4P
Our standard: robust halogen-free PUR cable
1424605 PHOENIX-1424605 Datasheet
647Kb / 18P
SAC-5P- 1,5-290/M12FRL FE - Power cable
More results


Similar Description - 1424600

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1435111 PHOENIX-1435111 Datasheet
110Kb / 7P
Sensor/Actuator cable - SAC-5P-10,0-PUR/AD-2L
1438671 PHOENIX-1438671 Datasheet
63Kb / 4P
Cable - SAC-5P-10,0-PVC/AD-2L
1414790 PHOENIX-1414790 Datasheet
145Kb / 10P
Power cable - SAC-5P- 3,0-280/M12FSL FE
09/11/2020
1414884 PHOENIX-1414884 Datasheet
147Kb / 9P
Power cable - SAC-5P-M12MSL/ 1,5-280 FE SH
09/12/2020
1425010 PHOENIX-1425010 Datasheet
180Kb / 10P
Power cable - SAC-5P-M12MSL/0,6-280/FSL FE
09/11/2020
1454448 PHOENIX-1454448 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-5P-10,0-802/M12FS
09/11/2020
1683374 PHOENIX-1683374 Datasheet
134Kb / 10P
Sensor/actuator cable - SAC-5P-10,0-PUR/M12FS
09/11/2020
1507492 PHOENIX-1507492 Datasheet
1Mb / 19P
SAC-5P-10,0-920/M12FS - Bus system cable
1507133 PHOENIX-1507133 Datasheet
1Mb / 23P
SAC-5P-10,0-900/M12FSB - Bus system cable
1507447 PHOENIX-1507447 Datasheet
764Kb / 20P
SAC-5P-M12MS/10,0-920 - Bus system cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com