Electronic Components Datasheet Search
  English  ▼

X  

ER1601ACT Datasheet (PDF) - Won-Top Electronics

ER1601ACT Datasheet PDF - Won-Top Electronics
Part # ER1601ACT
Download  ER1601ACT Download
File Size   56.2 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER

ER1601ACT Datasheet (PDF)

Go To PDF Page Download Datasheet
ER1601ACT Datasheet PDF - Won-Top Electronics

Part # ER1601ACT
Download  ER1601ACT Click to download

File Size   56.2 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER

ER1601ACT Datasheet (HTML) - Won-Top Electronics


ER1601ACT Product details

Glass Passivated Die Construction
Superfast 35nS and 50nS Recovery Time
Low Forward Voltage Drop
Low Reverse Leakage Current
High Surge Current Capability
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - ER1601ACT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1601ACT WTE-ER1601ACT Datasheet
52Kb / 3P
16A SUPER-FAST GLASS PASSIVATED RECTIFIER
ER1601ACT WTE-ER1601ACT Datasheet
61Kb / 4P
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1601ACT PANJIT-ER1601ACT Datasheet
41Kb / 2P
SUPERFAST RECOVERY RECTIFIER
ER1601ACT PANJIT-ER1601ACT Datasheet
86Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
logo
Thinki Semiconductor Co...
ER1601ACT THINKISEMI-ER1601ACT Datasheet
689Kb / 2P
16Ampere Heat Sink Dual Common Cathode Super Fast Recovery Rectifiers
More results


Similar Description - ER1601ACT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1600CT WTE-UF1600CT Datasheet
49Kb / 3P
16A ULTRAFAST GLASS PASSIVATED RECTIFIER
ER1000CT WTE-ER1000CT_06 Datasheet
51Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1000FCT WTE-ER1000FCT_06 Datasheet
56Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600CT WTE-ER1600CT_06 Datasheet
61Kb / 4P
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600FCT WTE-ER1600FCT_06 Datasheet
54Kb / 4P
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
U16D05C WTE-U16D05C Datasheet
59Kb / 4P
16A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
UF1600CT WTE-UF1600CT_06 Datasheet
61Kb / 4P
16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1600FCT WTE-UF1600FCT_06 Datasheet
60Kb / 4P
16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Frontier Electronics.
FEF160-02CT FRONTIER-FEF160-02CT Datasheet
130Kb / 2P
16A DUAL FAST EFFICIENT GLASS PASSIVATED RECTIFIER
GPF160-005 FRONTIER-GPF160-005 Datasheet
123Kb / 2P
16A GLASS PASSIVATED STANDARD RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com