Electronic Components Datasheet Search
  English  ▼

X  

ER1000 Datasheet (PDF) - Won-Top Electronics

ER1000 Datasheet PDF - Won-Top Electronics
Part # ER1000
Download  ER1000 Download
File Size   55.61 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A GLASS PASSIVATED SUPERFAST RECTIFIER

ER1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ER1000 Datasheet PDF - Won-Top Electronics

Part # ER1000
Download  ER1000 Click to download

File Size   55.61 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A GLASS PASSIVATED SUPERFAST RECTIFIER

ER1000 Datasheet (HTML) - Won-Top Electronics


ER1000 Product details

Glass Passivated Die Construction
Superfast 35nS and 50nS Recovery Time
Low Forward Voltage Drop
Low Reverse Leakage Current
High Surge Current Capability
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - ER1000

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1000 PANJIT-ER1000 Datasheet
269Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE: 50 to 400 Volts CURRENT: 10.0 Amperes)
logo
Transys Electronics
ER1000 TRSYS-ER1000 Datasheet
146Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
ER1000 WTE-ER1000 Datasheet
47Kb / 3P
10A SUPER-FAST GLASS PASSIVATED RECTIFIER
ER1000 WTE-ER1000 Datasheet
56Kb / 4P
10A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1000 PANJIT-ER1000 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
More results


Similar Description - ER1000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1000 WTE-ER1000_06 Datasheet
56Kb / 4P
10A GLASS PASSIVATED SUPERFAST RECTIFIER
ER1000CT WTE-ER1000CT_06 Datasheet
51Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1000F WTE-ER1000F_06 Datasheet
50Kb / 4P
10A GLASS PASSIVATED SUPERFAST RECTIFIER
ER1000FCT WTE-ER1000FCT_06 Datasheet
56Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
logo
Zibo Seno Electronic En...
MUR810 ZSELEC-MUR810 Datasheet
203Kb / 2P
8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR1010CT ZSELEC-MUR1010CT Datasheet
205Kb / 2P
10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
HERF801 ZSELEC-HERF801 Datasheet
51Kb / 2P
8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR2020PT ZSELEC-MUR2020PT Datasheet
101Kb / 2P
20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR810D ZSELEC-MUR810D Datasheet
185Kb / 2P
8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SDURF10H10 ZSELEC-SDURF10H10 Datasheet
158Kb / 2P
10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com