Electronic Components Datasheet Search
  English  ▼

X  

1832577 Datasheet (PDF) - PHOENIX CONTACT

1832577 Datasheet PDF - PHOENIX CONTACT
Part # 1832577
Download  1832577 Download
File Size   212.42 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDNV 1,5/11-G1-3,5 RNP26THRAU - PCB header

1832577 Datasheet (PDF)

Go To PDF Page Download Datasheet
1832577 Datasheet PDF - PHOENIX CONTACT

Part # 1832577
Download  1832577 Click to download

File Size   212.42 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDNV 1,5/11-G1-3,5 RNP26THRAU - PCB header

1832577 Datasheet (HTML) - PHOENIX CONTACT


1832577 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Gold, contact connection type: Pin, number of potentials: 22,
number of rows: 2, number of positions: 11, number of connections: 22, product range: MCDNV
1,5/..-G1-RN-THR, pitch: 3.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin
[P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: Snap-in locking, mounting: Engagement nose,
type of packaging: packed in cardboard

Your advantages
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Designed for integration into the SMT soldering process
• Intuitive locking mechanism prevents accidental disconnection
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1832577

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1832578 PHOENIX-1832578 Datasheet
78Kb / 5P
Printed-circuit board connector - GMVSTBR 2,5/ 7-ST-7,62
More results


Similar Description - 1832577

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952623 PHOENIX-1952623 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/14-G1-3,5 RNP14THR
1952649 PHOENIX-1952649 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/16-G1-3,5 RNP14THR
1952791 PHOENIX-1952791 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 3-G1-3,5 P26THR
Jan 3, 2023
1952814 PHOENIX-1952814 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 5-G1-3,5 P26THR
Jan 4, 2023
1535169 PHOENIX-1535169 Datasheet
324Kb / 9P
DMC 1,5/11-G1-3,5-LR P20THR - PCB header
1535203 PHOENIX-1535203 Datasheet
309Kb / 8P
DMC 1,5/11-G1-3,5-LR P26THR - PCB header
1953127 PHOENIX-1953127 Datasheet
564Kb / 12P
MCDNV 1,5/13-G1-3,5 P14THR - PCB header
1952458 PHOENIX-1952458 Datasheet
479Kb / 11P
MCDNV 1,5/ 2-G1-3,5 RNP26THR - PCB header
1952827 PHOENIX-1952827 Datasheet
553Kb / 12P
MCDNV 1,5/ 6-G1-3,5 P26THR - PCB header
1952720 PHOENIX-1952720 Datasheet
468Kb / 11P
MCDNV 1,5/15-G1-3,5 RNP26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com