Electronic Components Datasheet Search
  English  ▼

X  

IRF7313 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7313 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7313
Download  IRF7313 Download
File Size   361.14 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N Channel MOSFET

IRF7313 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7313 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7313
Download  IRF7313 Click to download

File Size   361.14 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N Channel MOSFET

IRF7313 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7313 Product details

Features
VDs(V=30V
RpsoN) < 29mΩ (Ves = 10V)
Rpson) < 46mΩ (Ves = 4.5V)
Generation V Technology
Ultra Low On-Resistance
Surface Mount
Fully Avalanche Rated
Lead-Free




Similar Part No. - IRF7313

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7313 IRF-IRF7313 Datasheet
547Kb / 7P
HEXFET POWER MOSFET
IRF7313PBF IRF-IRF7313PBF Datasheet
205Kb / 7P
HEXFET Power MOSFET
IRF7313PBF IRF-IRF7313PBF Datasheet
210Kb / 7P
Generation V Technology
IRF7313PBF IRF-IRF7313PBF Datasheet
210Kb / 7P
GENERATION V TECHNOLOGY
IRF7313PBF-1 IRF-IRF7313PBF-1 Datasheet
210Kb / 7P
Industry-standard pinout SO-8 Package
More results


Similar Description - IRF7313

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com