Electronic Components Datasheet Search
  English  ▼

X  

AO4435 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO4435 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO4435
Download  AO4435 Download
File Size   687.18 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V P-Channel Enhancement Mode MOSFET

AO4435 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4435 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO4435
Download  AO4435 Click to download

File Size   687.18 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V P-Channel Enhancement Mode MOSFET

AO4435 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO4435 Product details

Description
The uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a
Battery protection or in other Switching application.

General Features
VDS = -30V I D = -12A
RDS(ON) < 20mΩ @ VGS=10V

Application
Battery protection
Load switch
Uninterruptible power supply




Similar Part No. - AO4435

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4435 AOSMD-AO4435 Datasheet
174Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
AO4435 AOSMD-AO4435 Datasheet
196Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4435 WHXPCB-AO4435 Datasheet
2Mb / 5P
30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4435 KEXIN-AO4435 Datasheet
1Mb / 4P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4435 VBSEMI-AO4435 Datasheet
1,002Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - AO4435

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com