Electronic Components Datasheet Search
  English  ▼

X  

BD3951F Datasheet (PDF) - Rohm

BD3951F Datasheet PDF - Rohm
Part # BD3951F
Download  BD3951F Download
File Size   320.91 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description System Regulator (RESET, Vcc-Detection and 150mA LDO)

BD3951F Datasheet (PDF)

Go To PDF Page Download Datasheet
BD3951F Datasheet PDF - Rohm

Part # BD3951F
Download  BD3951F Click to download

File Size   320.91 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description System Regulator (RESET, Vcc-Detection and 150mA LDO)

BD3951F Datasheet (HTML) - Rohm


BD3951F Product details

Description
BD3951F is a 5V LDO system regulator particularly developed for automotive applications. The output current of the regulator can be drawn up to 150mA, and it has built-in power-on reset and input voltage sense. This device can withstand 50V surge input voltage as well as wide ambient temperature operations from -40℃ to +125℃ . The adjustable reset delay time and detection input voltage allow to meet with wide range of design requirements.

Features
1) Micro processor power supply 5.0V, Adjustable Reset, Adjustable Comparator.
2) 5V is Pch DMOS type low drop out voltage regulator. Iomax=150mA.
3) Low ESR capacitor (Ceramic Capacitor) is available for the Output Capacitor.
4) Over Current Protection built in to prevent the destruction of IC.
5) Thermal Shut Down is built in to prevent the heat runaway.
6) VCC absolute Maximum Ratings 36V.
7) Vcc peak input voltage 50V (*1)
8) Small surface mount package SOP8.

Applications
   Automotive application (Rain Sensor and Cluster Panel etc.) and all other electronics application.




Similar Part No. - BD3951F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3951F ROHM-BD3951F Datasheet
378Kb / 10P
Regulator with Voltage Detector IC
BD3951F ROHM-BD3951F_09 Datasheet
378Kb / 10P
Regulator with Voltage Detector IC
More results


Similar Description - BD3951F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
150mA LDO REGULATOR
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
150mA LDO REGULATOR
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
150mA CMOS LDO Regulator
logo
Semtech Corporation
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
150mA DUAL LDO REGULATOR
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
150mA LDO REGULATOR
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com