Electronic Components Datasheet Search
  English  ▼

X  

SS0530WS Datasheet (PDF) - Won-Top Electronics

SS0530WS Datasheet PDF - Won-Top Electronics
Part # SS0530WS
Download  SS0530WS Download
File Size   52.9 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 0.5A LOW VF SURFACE MOUNT SCHOTTKY BARRIER DIODE

SS0530WS Datasheet (PDF)

Go To PDF Page Download Datasheet
SS0530WS Datasheet PDF - Won-Top Electronics

Part # SS0530WS
Download  SS0530WS Click to download

File Size   52.9 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 0.5A LOW VF SURFACE MOUNT SCHOTTKY BARRIER DIODE

SS0530WS Datasheet (HTML) - Won-Top Electronics


SS0530WS Product details

Very Low Forward Voltage
Fast Switching Speed
PN Junction Guard Ring for Transient and
ESD Protection
For General Purpose Switching Applications
Plastic Material – UL Recognition Flammability
Classification 94V-0




Similar Part No. - SS0530WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS0530 PANJIT-SS0530 Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Won-Top Electronics
SS0530 WTE-SS0530 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SS0530 PANJIT-SS0530 Datasheet
87Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
SS0530 PANJIT-SS0530 Datasheet
93Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Continental Device Indi...
SS0530 CDIL-SS0530 Datasheet
347Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Similar Description - SS0530WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0530W DIODES-B0530W_1 Datasheet
383Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 7 - 2
logo
Sanyo Semicon Device
SS0503EC SANYO-SS0503EC Datasheet
51Kb / 3P
Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
logo
Taiwan Semiconductor Co...
BAT400D TSC-BAT400D Datasheet
48Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
logo
Cystech Electonics Corp...
CSOD0540SH CYSTEKEC-CSOD0540SH Datasheet
218Kb / 5P
0.5A surface mount Schottky diode
RB0520LSH CYSTEKEC-RB0520LSH Datasheet
240Kb / 6P
0.5A Low VF Schottky Barrier Rectifier
RB0540C2 CYSTEKEC-RB0540C2 Datasheet
366Kb / 6P
0.5A surface mount Schottky diode
RB0540N3 CYSTEKEC-RB0540N3 Datasheet
246Kb / 6P
0.5A surface mount Schottky diode
RB0540S2 CYSTEKEC-RB0540S2 Datasheet
234Kb / 6P
0.5A surface mount Schottky diode
logo
Central Semiconductor C...
PB-CFSH05_1509 CENTRAL-PB-CFSH05_1509 Datasheet
1Mb / 2P
20V, 0.5A Low VF Schottky Diode
logo
Zibo Seno Electronic En...
SSL32F ZSELEC-SSL32F Datasheet
172Kb / 2P
3.0A SURFACE MOUNT LOW VF SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com