Electronic Components Datasheet Search
  English  ▼

X  

1846784 Datasheet (PDF) - PHOENIX CONTACT

1846784 Datasheet PDF - PHOENIX CONTACT
Part # 1846784
Download  1846784 Download
File Size   948.72 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTB 2,5/11-GF - PCB header

1846784 Datasheet (PDF)

Go To PDF Page Download Datasheet
1846784 Datasheet PDF - PHOENIX CONTACT

Part # 1846784
Download  1846784 Click to download

File Size   948.72 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTB 2,5/11-GF - PCB header

1846784 Datasheet (HTML) - PHOENIX CONTACT


1846784 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 22,
number of rows: 2, number of positions: 11, number of connections: 22, product range: MDSTB
2,5/..-GF, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.23
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: packed in cardboard, The article can be aligned to create different
nos. of positions! In combination with MVSTB or FKCV plug components, both an MVSTBW (or
FKCVW) and an MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plug
components is not possible!

Your advantages
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1846784

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1846700 PHOENIX-1846700 Datasheet
146Kb / 6P
MSTB 2,5/ 3-STF
1846713 PHOENIX-1846713 Datasheet
150Kb / 6P
MSTB 2,5/ 4-STF
1846713 PHOENIX-1846713 Datasheet
136Kb / 5P
FKC 2,5/ 4-STF
1846726 PHOENIX-1846726 Datasheet
829Kb / 12P
MDSTB 2,5/ 5-GF - PCB header
1846739 PHOENIX-1846739 Datasheet
989Kb / 17P
MDSTB 2,5/ 6-GF - PCB header
More results


Similar Description - 1846784

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1842461 PHOENIX-1842461 Datasheet
84Kb / 4P
Housing - MDSTB 2,5/12-GF-5,08
1842416 PHOENIX-1842416 Datasheet
84Kb / 4P
Base strip - MDSTB 2,5/ 7-GF-5,08
1842364 PHOENIX-1842364 Datasheet
84Kb / 4P
Base strip - MDSTB 2,5/ 2-GF-5,08
1842377 PHOENIX-1842377 Datasheet
84Kb / 4P
Base strip - MDSTB 2,5/ 3-GF-5,08
1840052 PHOENIX-1840052 Datasheet
537Kb / 15P
PCB header - MDSTB 2,5/ 8-G-5,08
Jan 10, 2023
1938948 PHOENIX-1938948 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 2-G1-5,08
Jan 3, 2023
1938951 PHOENIX-1938951 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 5-G1-5,08
Nov 30, 2022
1846771 PHOENIX-1846771 Datasheet
991Kb / 17P
MDSTB 2,5/10-GF - PCB header
1842380 PHOENIX-1842380 Datasheet
1,001Kb / 20P
MDSTB 2,5/ 4-GF-5,08 - PCB header
1842432 PHOENIX-1842432 Datasheet
955Kb / 20P
MDSTB 2,5/ 9-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com