Electronic Components Datasheet Search
  English  ▼

X  

1766178 Datasheet (PDF) - PHOENIX CONTACT

1766178 Datasheet PDF - PHOENIX CONTACT
Part # 1766178
Download  1766178 Download
File Size   626.14 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTB 2,5/ 7-G-7,62 - PCB header

1766178 Datasheet (PDF)

Go To PDF Page Download Datasheet
1766178 Datasheet PDF - PHOENIX CONTACT

Part # 1766178
Download  1766178 Click to download

File Size   626.14 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTB 2,5/ 7-G-7,62 - PCB header

1766178 Datasheet (HTML) - PHOENIX CONTACT


1766178 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 630 V, contact surface: Tin, contact connection type: Pin, number of potentials: 7, number
of rows: 1, number of positions: 7, number of connections: 7, product range: GMSTB 2,5/..-G,
pitch: 7.62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.23 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Items that can be aligned in various pitches support flexible and space-saving PCB assembly
• Well-known mounting principle allows worldwide use
• Larger pitch for increased voltage requirements
• Plug-in direction parallel to the PCB




Similar Part No. - 1766178

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766174 PHOENIX-1766174 Datasheet
62Kb / 5P
PCB terminal block - SMKDS 2,5/ 7-5,08
More results


Similar Description - 1766178

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766149 PHOENIX-1766149 Datasheet
201Kb / 11P
Feed-through header - GMSTB 2,5/ 4-G-7,62
1857125 PHOENIX-1857125 Datasheet
38Kb / 1P
GMSTB 2,5/10-G-7,62 BK
1766165 PHOENIX-1766165 Datasheet
146Kb / 5P
GMSTB 2,5/ 6-G-7,62
1766181 PHOENIX-1766181 Datasheet
79Kb / 5P
Base strip - GMSTB 2,5/ 8-G-7,62
1766194 PHOENIX-1766194 Datasheet
79Kb / 5P
Base strip - GMSTB 2,5/ 9-G-7,62
1766204 PHOENIX-1766204 Datasheet
79Kb / 5P
Base strip - GMSTB 2,5/10-G-7,62
1766217 PHOENIX-1766217 Datasheet
79Kb / 5P
Base strip - GMSTB 2,5/11-G-7,62
1806274 PHOENIX-1806274 Datasheet
81Kb / 5P
Base strip - GMSTB 2,5/ 7-GF-7,62
1921887 PHOENIX-1921887 Datasheet
57Kb / 4P
Printed-circuit board connector - GMSTB 2,5/ 7-G-7,62 (1,3,5,7)
1812801 PHOENIX-1812801 Datasheet
540Kb / 15P
GMSTB 2,5 HCV/ 7-ST-7,62-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com