Electronic Components Datasheet Search
  English  ▼

X  

DS18B20 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

DS18B20 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # DS18B20
Download  DS18B20 Download
File Size   2859.84 Kbytes
Page   25 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

DS18B20 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS18B20 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # DS18B20
Download  DS18B20 Click to download

File Size   2859.84 Kbytes
Page   25 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

DS18B20 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


DS18B20 Product details

DESCRIPTION
The DS18B20 digital thermometer provides 9-bit to
12-bit Celsius temperature measurements and has an
alarm function with nonvolatile user- programmable
upper and lower trigger points. The DS18B20
communicates over a 1-Wire bus that by definition
requires only one data line (and ground) for
communication with a central microprocessor. It has
an operating temperature range of -55°C to +125°C
and is accurate to ±0.4°C over the range of -10°C to
+70°C. In addition, the DS18B20 can derive power
directly from the data line (“parasite power”),
eliminating the need for an external power supply.
Each DS18B20 has a unique 64-bit serial code,
which allows multiple DS18B20s to function on the
same 1-Wire bus. Thus, it is simple to use one
microprocessor to control many DS18B20s
distributed over a large area. Applications that can
benefit from this feature include HVAC
environmental controls, temperature monitoring
systems inside buildings, equipment, or machinery,
and process monitoring and control systems.

FEATURES
 1-Wire Interface Requires Only One Port Pin for
Communication
 Each Device has a Unique 64-Bit Serial Code
Stored in an On-Board ROM
 Multidrop Capability Simplifies Distributed
Temperature-Sensing Applications
 Requires No External Components
Can Be Powered from Data Line; Power Supply
Range is 2.5V to 5.5V
 Measures Temperatures from -55°C to +125°C
(-67°F to +257°F)
 ±0.4°C Accuracy from -10°C to +70°C
 Thermometer Resolution is User Selectable
from 9 to 12 Bits
 Converts Temperature to 12-Bit Digital Word in
400ms (Max)
 User-Definable Nonvolatile (NV) Alarm Settings
 Alarm Search Command Identifies and
Addresses Devices Whose Temperature
is Outside Programmed Limits
 Available in 8-Pin SOJ8 and 3-Pin TO-92
Packages
 Applications Include Thermostatic
Controls, Industrial Systems, Consumer
Products, Thermometers, or Any
Thermally Sensitive System
 ESD Rating: HBM8000V, MM800V




Similar Part No. - DS18B20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20 Datasheet
223Kb / 21P
Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20 Datasheet
183Kb / 22P
Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
More results


Similar Description - DS18B20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com