Electronic Components Datasheet Search
  English  ▼

X  

TLV9051 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV9051 Datasheet PDF - Texas Instruments
Part # TLV9051
Download  TLV9051 Download
File Size   1601.37 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV905x-Q1 Automotive 5MHz, 15V/μs High Slew-Rate, RRIO, CMOS Op Amp

TLV9051 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9051 Datasheet PDF - Texas Instruments

Part # TLV9051
Download  TLV9051 Click to download

File Size   1601.37 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV905x-Q1 Automotive 5MHz, 15V/μs High Slew-Rate, RRIO, CMOS Op Amp

TLV9051 Datasheet (HTML) - Texas Instruments


TLV9051 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature: –40°C to 125°C, TA
• High slew rate: 15V/μs
• Low quiescent current: 330μA
• Rail-to-rail input and output
• Low input offset voltage: ±0.33mV
• Unity-gain bandwidth: 5MHz
• Low broadband noise: 15nV/√Hz
• Low input bias current: 2pA
• Unity-gain stable
• Internal RFI and EMI filter
• Scalable family of CMOS op amps for low-cost
applications
• Operational at supply voltages as low as 1.8V

2 Applications
• Optimized for AEC-Q100 grade 1 applications
• HEV/EV traction inverter and motor control
• HEV/EV DC/DC converter
• HEV/EV battery-management system (BMS)
• On-board (OBC) and wireless charger
• Automotive body motors
• Automotive heating and cooling

3 Description
The TLV9051-Q1, TLV9052-Q1, and TLV9054-Q1
devices are single, dual, and quad operational
amplifiers, respectively. The devices are designed
for low voltage operation from 1.8V to 6.0V. The
inputs and outputs can operate from rail to rail at a
very high slew rate. These devices are an excellent
choice for cost-constrained applications where lowvoltage
operation, high slew rate, and low quiescent
current is needed. The capacitive-load drive of the
TLV905x-Q1 family is 150pF, and the resistive openloop
output impedance makes stabilization easier with
much higher capacitive loads.
The TLV905x-Q1 family is easy to use due to the
devices being unity-gain stable, including a RFI and
EMI filter, and being free from phase reversal in an
overdrive condition.




Similar Part No. - TLV9051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9051 TI1-TLV9051 Datasheet
1Mb / 26P
5 MHz, 13 V/關s, RRIO CMOS Op Amp for Cost-Sensitive Systems
TLV9051 TI1-TLV9051 Datasheet
1Mb / 29P
5 MHz, 13 V/關s, RRIO CMOS Op Amp for Cost-Sensitive Systems
TLV9051 TI1-TLV9051 Datasheet
2Mb / 50P
5-MHz, 15-V/us high slew-rate, RRIO op amp
TLV9051 TI1-TLV9051 Datasheet
3Mb / 63P
5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
TLV9051 TI1-TLV9051 Datasheet
4Mb / 70P
5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
More results


Similar Description - TLV9051

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE538 PHILIPS-NE538 Datasheet
178Kb / 7P
High Slew Rate Op Amp
)ctober 7 1987
logo
AUK corp
S4560 AUK-S4560 Datasheet
299Kb / 4P
Dual high slew rate OP AMP
S4560P AUK-S4560P Datasheet
304Kb / 3P
Dual high slew rate OP AMP
logo
NXP Semiconductors
NE5535 PHILIPS-NE5535 Datasheet
499Kb / 9P
Dual High Slew Rate Op Amp
January 15 1988
logo
KODENSHI_AUK CORP.
S4560 KODENSHI-S4560 Datasheet
196Kb / 4P
Dual high slew rate OP AMP
S4560P KODENSHI-S4560P Datasheet
103Kb / 4P
Dual high slew rate OP AMP
SN4560 KODENSHI-SN4560 Datasheet
149Kb / 5P
Dual high slew rate OP AMP
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
5-MHz, 15-V/us high slew-rate, RRIO op amp
TLV9051_1904 TI1-TLV9051_1904 Datasheet
3Mb / 63P
5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
TLV9051_1906 TI1-TLV9051_1906 Datasheet
4Mb / 70P
5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com