Electronic Components Datasheet Search
  English  ▼

X  

TMAG5328 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMAG5328 Datasheet PDF - Texas Instruments
Part # TMAG5328
Download  TMAG5328 Download
File Size   1149.5 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMAG5328 Resistor and Voltage Adjustable, Low-Power Hall-Effect Switch

TMAG5328 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMAG5328 Datasheet PDF - Texas Instruments

Part # TMAG5328
Download  TMAG5328 Click to download

File Size   1149.5 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMAG5328 Resistor and Voltage Adjustable, Low-Power Hall-Effect Switch

TMAG5328 Datasheet (HTML) - Texas Instruments


TMAG5328 Product details

1 Features
• Supply range of 1.65V to 5.5V
• Operating temperature: –40°C to 125°C
• Adjustable BOP from 2mT to 15mT
– Using 2kΩ to 15kΩ resistors
– or 160mV to 1200mV voltage source
• Omnipolar Hall switch
• Push-pull output
• Low power consumption
– 20Hz duty cycle (A1D version): 1.4μA
– Continuous time (A1Z version): 1.8mA
• Industry-standard SOT-23 package and pinout

2 Applications
• Battery-critical position sensing
• Electricity meter tamper detection
• Cell phone, laptop, or tablet case sensing
• E-locks, smoke detectors, appliances
• Medical devices, IoT systems
• Valve or solenoid position detection
• Contactless diagnostics or activation

3 Description
The TMAG5328 device is a high precision, low-power,
resistor adjustable Hall effect switch sensor operating
at low voltage.
The external resistor sets the BOP value for device
operation. By following a simple formula, users can
calculate the resistor value needed to set up the right
BOP value for their designs. The Hysteresis value is
fixed and therefore the BRP value is defined as BOPHysteresis.
The adjustable threshold feature of the TMAG5328
can help users prototype designs quickly and make
last minute modifications in case of unexpected
changes, enabling reuse across different platforms.
When the applied magnetic flux density exceeds the
BOP threshold, the device outputs a low voltage. The
output stays low until the flux density decreases to
less than BRP, and then the output drives a high
voltage. By incorporating an internal oscillator, the
device samples the magnetic field and updates the
output at a rate of 20Hz (A1D version) for the lowest
current consumption, or continuously (A1Z version).
The TMAG5328 features an omnipolar magnetic
response.
The device operates from a VCC range of 1.65V
to 5.5V, and is packaged in a standard SOT-23-6
package.




Similar Part No. - TMAG5328

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMAG5328 TI-TMAG5328 Datasheet
1Mb / 21P
TMAG5328 Resistor-Adjustable, Low-Power Hall-Effect Switch
DECEMBER 2021
TMAG5328 TI-TMAG5328 Datasheet
1Mb / 29P
TMAG5328 Resistor and Voltage Adjustable, Low-Power Hall-Effect Switch
REVISED JUNE 2022
TMAG5328 TI2-TMAG5328 Datasheet
1Mb / 29P
TMAG5328 Resistor and Voltage Adjustable, Low-Power Hall-Effect Switch
REVISED APRIL 2025
TMAG5328A1D TI-TMAG5328A1D Datasheet
1Mb / 21P
TMAG5328 Resistor-Adjustable, Low-Power Hall-Effect Switch
DECEMBER 2021
TMAG5328A1D TI2-TMAG5328A1D Datasheet
1Mb / 29P
TMAG5328 Resistor and Voltage Adjustable, Low-Power Hall-Effect Switch
REVISED APRIL 2025
More results


Similar Description - TMAG5328

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182 Datasheet
210Kb / 9P
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
AH182 DIODES-AH182_09 Datasheet
141Kb / 10P
LOW POWER HALL EFFECT SWITCH
Rev 8
logo
Unisonic Technologies
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
LOW POWER HALL EFFECT SWITCH
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
LOW POWER HALL EFFECT SWITCH
logo
Texas Instruments
TMAG5328 TI-TMAG5328 Datasheet
1Mb / 21P
TMAG5328 Resistor-Adjustable, Low-Power Hall-Effect Switch
DECEMBER 2021
TMAG5328 TI-TMAG5328_V01 Datasheet
1Mb / 29P
TMAG5328 Resistor and Voltage Adjustable, Low-Power Hall-Effect Switch
REVISED JUNE 2022
logo
DIWELL Electronics Co.,...
WSH237 DIWELL-WSH237 Datasheet
1Mb / 9P
Adjustable Hall Effect Switch IC
2020/1/17
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com