Electronic Components Datasheet Search
  English  ▼

X  

BQ2980 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
BQ2980 Datasheet PDF - Texas Instruments
Part # BQ2980
Download  BQ2980 Download
File Size   1634.97 Kbytes
Page   29 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries

BQ2980 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ2980 Datasheet PDF - Texas Instruments

Part # BQ2980
Download  BQ2980 Click to download

File Size   1634.97 Kbytes
Page   29 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries

BQ2980 Datasheet (HTML) - Texas Instruments


BQ2980 Product details

1 Features
• Voltage protection:
– Overvoltage (OV): ±10 mV
– Undervoltage (UV): ±20 mV
• Current protection:
– Overcurrent in charge (OCC): ±1 mV
– Overcurrent in discharge (OCD): ±1 mV
– Short circuit in discharge (SCD): ±5 mV
• Temperature protection:
– Overtemperature (OT)
• Additional features:
– Supports as low as a 1-mΩ sense resistor
(RSNS)
– High-side protection
– High Vgs FET drive
– 0-V charging (only BQ2980)
– CTR pin for FET override control for system
reset/shutdown
– Configure CTR for second OT protection
through an external PTC thermistor
• Current consumption:
– NORMAL mode: 4 μA
– SHUTDOWN mode: 0.1-μA maximum
• Package:
– 8-pin X2QFN: 1.50 × 1.50 × 0.37 mm

2 Applications
• Smartphones
• Tablets
• Power bank
• Wearables

3 Description
The BQ298xyz family of devices, featuring integrated
charge-pump FET drivers, provides high-side primary
battery cell protection for 1-series Li-ion and Lipolymer
batteries, enabling consistent Rdson across
cell voltages. For better system thermal performance,
the BQ298x device's accuracy enables the use of a
sense resistor as low as 1 mΩ.
The CTR pin in the BQ298x device can be configured
to override the FET driver by host control to create a
system reset or shutdown function. Alternatively, the
CTR pin can be configured to connect an external
Positive Temperature Coefficient (PTC) thermistor for
FET OT protection in addition to the internal die
temperature sensor. The BQ2980xy devices support
zero-volt (0-V) charging, while the BQ2982xy devices
have this disabled.




Similar Part No. - BQ2980

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2980 TI1-BQ2980 Datasheet
1Mb / 28P
Voltage, Current, Temperature Protector With Integrated High Side NFET Driver For Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI1-BQ2980 Datasheet
1Mb / 33P
BQ2980xy Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI-BQ2980 Datasheet
1Mb / 27P
BQ2980xy Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI-BQ2980 Datasheet
1Mb / 27P
BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI-BQ2980 Datasheet
2Mb / 27P
BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
More results


Similar Description - BQ2980

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2980 TI1-BQ2980 Datasheet
1Mb / 28P
Voltage, Current, Temperature Protector With Integrated High Side NFET Driver For Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970 TI1-BQ2970_18 Datasheet
1Mb / 33P
Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970_1806 TI1-BQ2970_1806 Datasheet
1Mb / 33P
Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI1-BQ2980_V01 Datasheet
1Mb / 33P
BQ2980xy Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI-BQ2980_V02 Datasheet
1Mb / 27P
BQ2980xy Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI-BQ2980_V03 Datasheet
1Mb / 27P
BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970 TI-BQ2970_V02 Datasheet
1Mb / 34P
BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI-BQ2980_V04 Datasheet
2Mb / 27P
BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI-BQ2980_V05 Datasheet
2Mb / 28P
BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
NOVEMBER 2021
BQ2980 TI1-BQ2980_V06 Datasheet
1Mb / 29P
BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com