Electronic Components Datasheet Search
  English  ▼

X  

SB3150 Datasheet (PDF) - Won-Top Electronics

SB3150 Datasheet PDF - Won-Top Electronics
Part # SB3150
Download  SB3150 Download
File Size   53.37 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3.0A HIGH VOLTAGE SCHOTTKY BARRIER DIODE

SB3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB3150 Datasheet PDF - Won-Top Electronics

Part # SB3150
Download  SB3150 Click to download

File Size   53.37 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3.0A HIGH VOLTAGE SCHOTTKY BARRIER DIODE

SB3150 Datasheet (HTML) - Won-Top Electronics


SB3150 Product details

Schottky Barrier Chip
Guard Ring for Transient and ESD Protection
Surge Overload Rating to 80A Peak
Low Power Loss, High Efficiency
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - SB3150

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
SB3150 CTC-SB3150 Datasheet
73Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Gulf Semiconductor
SB3150 GULFSEMI-SB3150 Datasheet
117Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 3.0A
logo
Sirectifier Global Corp...
SB3150 SIRECT-SB3150 Datasheet
210Kb / 2P
Power Schottky Rectifier - 3Amp 150~200Volt
logo
Rugao Dachang Electroni...
SB3150 DACHANG-SB3150 Datasheet
120Kb / 2P
PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Leshan Radio Company
SB3150 LRC-SB3150 Datasheet
202Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 3.0A
More results


Similar Description - SB3150

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N5820 WTE-1N5820_06 Datasheet
45Kb / 4P
3.0A SCHOTTKY BARRIER DIODE
SB320 WTE-SB320_06 Datasheet
59Kb / 4P
3.0A SCHOTTKY BARRIER DIODE
SR320 WTE-SR320_06 Datasheet
60Kb / 4P
3.0A SCHOTTKY BARRIER DIODE
SR3150 WTE-SR3150 Datasheet
61Kb / 4P
3.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
B370-13 DIODES-B370-13 Datasheet
114Kb / 4P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 14
B370Q DIODES-B370Q Datasheet
293Kb / 4P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 1
logo
Zibo Seno Electronic En...
SB320 ZSELEC-SB320 Datasheet
114Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
SR320 ZSELEC-SR320 Datasheet
83Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
MBR320 ZSELEC-MBR320 Datasheet
135Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
MS302 ZSELEC-MS302 Datasheet
136Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com