Electronic Components Datasheet Search
  English  ▼

X  

SB10200CT Datasheet (PDF) - Won-Top Electronics

SB10200CT Datasheet PDF - Won-Top Electronics
Part # SB10200CT
Download  SB10200CT Download
File Size   55.11 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER

SB10200CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SB10200CT Datasheet PDF - Won-Top Electronics

Part # SB10200CT
Download  SB10200CT Click to download

File Size   55.11 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER

SB10200CT Datasheet (HTML) - Won-Top Electronics


SB10200CT Product details

Schottky Barrier Chip
Guard Ring for Transient Protection
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Current Capability
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - SB10200CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB10200CT WTE-SB10200CT Datasheet
51Kb / 4P
10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB10200CT GULFSEMI-SB10200CT Datasheet
113Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
logo
Formosa MS
SB10200CT FORMOSA-SB10200CT Datasheet
107Kb / 6P
Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
SB10200CT SUNMATE-SB10200CT Datasheet
565Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SB10200CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB10150CT WTE-SB10150CT Datasheet
47Kb / 4P
10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1070CT DIODES-MBR1070CT_1 Datasheet
73Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. 2 - 2
logo
Won-Top Electronics
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150 WTE-SB10150 Datasheet
48Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150F WTE-SB10150F Datasheet
49Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
TCMBR10100CT TAK_CHEONG-TCMBR10100CT Datasheet
107Kb / 2P
10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
logo
Won-Top Electronics
SB10150 WTE-SB10150_08 Datasheet
76Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150CT WTE-SB10150CT_08 Datasheet
51Kb / 4P
10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150F WTE-SB10150F_08 Datasheet
67Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
MBR10100CT TAK_CHEONG-MBR10100CT Datasheet
167Kb / 4P
10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com